| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPX5700AS bảng dữ liệu(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPX5700AS bảng dữ liệu(HTML) 6 Page - NXP Semiconductors |
|
6 / 11 page ![]() MPX5700 Sensors 6 Freescale Semiconductor, Inc. Pressure PACKAGE DIMENSIONS PIN 1 F G N L R 12 34 5 6 6 PL D SEATING PLANE -T- M A M 0.136 (0.005) T POSITIVE PRESSURE (P1) C B M J S -A- STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX STYLE 3: PIN 1. OPEN 2. GROUND 3. +VOUT 4. +VSUPPLY 5. -VOUT 6. OPEN STYLE 2: PIN 1. OPEN 2. GROUND 3. -VOUT 4. VSUPPLY 5. +VOUT 6. OPEN MAX MILLIMETERS INCHES 16.00 13.56 5.59 0.84 1.63 0.100 BSC 2.54 BSC 0.40 18.42 30˚ NOM 30˚ NOM 12.57 11.43 DIM A B C D F G J L M N R S MIN 0.595 0.514 0.200 0.027 0.048 0.014 0.695 0.475 0.430 0.090 MAX 0.630 0.534 0.220 0.033 0.064 0.016 0.725 0.495 0.450 0.105 MIN 15.11 13.06 5.08 0.68 1.22 0.36 17.65 12.07 10.92 2.29 2.66 NOTES: 1. 2. 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. CONTROLLING DIMENSION: INCH. DIMENSION -A- IS INCLUSIVE OF THE MOLD STOP RING. MOLD STOP RING NOT TO EXCEED 16.00 (0.630). CASE 867-08 ISSUE N BASIC ELEMENT NOTES: 1. 2. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. CONTROLLING DIMENSION: INCH. R X 12 3 4 5 6 PORT #2 VACUUM (P2) PORT #1 POSITIVE PRESSURE (P1) PORT #1 POSITIVE PRESSURE (P1) PIN 1 PORT #2 VACUUM (P2) SEATING PLANE SEATING PLANE -T- -T- P G C J N B F D 6 PL W V L U S K -Q- -A- M Q M 0.25 (0.010) T M A M 0.13 (0.005) STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX DIM MIN MAX MIN MAX MILLIMETERS INCHES A 1.145 1.175 29.08 29.85 B 0.685 0.715 17.40 18.16 C 0.405 0.435 10.29 11.05 D 0.027 0.033 0.68 0.84 F 0.048 0.064 1.22 1.63 G 0.100 BSC 2.54 BSC J 0.014 0.016 0.36 0.41 K 0.695 0.725 17.65 18.42 L 0.290 0.300 7.37 7.62 N 0.420 0.440 10.67 11.18 P 0.153 0.159 3.89 4.04 Q 0.153 0.159 3.89 4.04 R 0.063 0.083 1.60 2.11 S U 0.910 BSC 23.11 BSC V 0.182 0.194 4.62 4.93 W 0.310 0.330 7.87 8.38 X 0.248 0.278 6.30 7.06 0.220 0.240 5.59 6.10 CASE 867C-05 ISSUE F PRESSURE AND VACUUM SIDES PORTED (DP) |