| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PESDUC2FD5VB bảng dữ liệu(PDF) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
|
|||||||||||||||||||||||||||||
PESDUC2FD5VB bảng dữ liệu(HTML) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
4 / 5 page ![]() PESDUC2FD5VB DFN1006-2L 4 / 5 www.yfwdiode.com Dongguan YFW Electronics Co, Ltd. For TVS diodes a low-ohmic and low-inductive path to chassis earth is absolutely mandatory in order to achieve good ESD protection. Novices in the area of ESD protection should take following suggestions to heart: Do not use stubs, but place the cathode of the TVS diode directly on the signal trace. Do not make false economies and save copper for the ground connection. Place via holes to ground as close as possible to the anode of the TVS diode. Use as many via holes as possible for the ground connection. Keep the length of via holes in mind! The longer the more inductance they will have. 0 30 60 90 120 150 180 210 240 270 300 330 360 390 420 450 480 0 40 80 120 160 200 240 280 Time (sec) Peak Temp=257℃, Ramp Rate=0.802deg. ℃/sec Solder Reflow Recommendation Solder Reflow Recommendation |