| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMITX-BE-G-RX425BB bảng dữ liệu(PDF) 3 Page - Adlink Technology Inc. |
|
|
|||||||||||||||||||||||||||||
AMITX-BE-G-RX425BB bảng dữ liệu(HTML) 3 Page - Adlink Technology Inc. |
|
3 / 4 page ![]() Functional Diagram optional TPM Atmel DisplayPort DP0 BMC AMD Fusion Controller Hub A77E Super I/O IT8783 AMD® R-series APU (formerly "Bald Eagle") RX-427BB RX-425BB RX-225FB USB 3.0 USB 3.0 LPC 3x RS-232 3x SATA 6Gb/s Vertical SODIMM (channel A) 8 GB DDR3L at 1333/1600 (non ECC) Vertical SODIMM (channel B) 8 GB DDR3L at 1333/1600 (non ECC) 4x USB 2.0 0/1/2/3 3x SATA 6Gb/s Front Panel 2x USB 2.0 port 4/5 SMbus GPIO Sensor CPU FAN Feature Connector System signals SPI 0/1 SPI0 SPI2 socket (optional) SPI1 GPIO SPI0/1 header SYS FAN 1 PS/2 System Signals PCIe x1 DP DP 2x USB 3.0 port 10/11 USB 2.0 USB 2.0 USB 2.0 USB 2.0 USB 3.0 USB 3.0 DP DisplayPort DP1 GbE i211AT RJ45 10/100/1000 PCIe port 0 RJ45 10/100/1000 GbE i211AT PCIe port 1 HDA Codec ALC886 Center Line In Surround L/R Line Out S/PDIF Out Mic In Audio Header COM1 header COM2 header COM3 header COM4 header PCIe x16 PCIe x16 slot 1 x RS-232/422/485 mSATA / Mini PCIe full size (bottom) MinI PCIe half size (top) USB 2.0 port 9 USB HUB PCIe x1 port 3 Switch SATA 6Gb/s 2x USB 2.0 port 6/7 USB Header 1x USB 2.0 port 8 USB Vertical DP DisplayPort DP3 2x USB 3.0 port 12/13 PCIe x1 slot PCIe x1 port 2 DisplayPort DP2 eDP to LVDS eDP 2 lane LVDS Fine Wire Conn. LVDS control LVDS AUX Connector DDC Brightness LVDS Dat/Clk SYS FAN 2 |