| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT91SAM9261 bảng dữ liệu(PDF) 49 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM9261 bảng dữ liệu(HTML) 49 Page - ATMEL Corporation |
|
49 / 688 page ![]() 49 6062F–ATARM–05-Dec-06 AT91SAM9261 Preliminary 11.3.8 ARM Instruction Set Overview The ARM instruction set is divided into: • Branch instructions • Data processing instructions • Status register transfer instructions • Load and Store instructions • Coprocessor instructions • Exception-generating instructions ARM instructions can be executed conditionally. Every instruction contains a 4-bit condition code field (bits[31:28]). Table 11-2 gives the ARM instruction mnemonic list. Table 11-2. ARM Instruction Mnemonic List Mnemonic Operation Mnemonic Operation MOV Move MVN Move Not ADD Add ADC Add with Carry SUB Subtract SBC Subtract with Carry RSB Reverse Subtract RSC Reverse Subtract with Carry CMP Compare CMN Compare Negated TST Test TEQ Test Equivalence AND Logical AND BIC Bit Clear EOR Logical Exclusive OR ORR Logical (inclusive) OR MUL Multiply MLA Multiply Accumulate SMULL Sign Long Multiply UMULL Unsigned Long Multiply SMLAL Signed Long Multiply Accumulate UMLAL Unsigned Long Multiply Accumulate MSR Move to Status Register MRS Move From Status Register B Branch BL Branch and Link BX Branch and Exchange SWI Software Interrupt LDR Load Word STR Store Word LDRSH Load Signed Halfword LDRSB Load Signed Byte LDRH Load Half Word STRH Store Half Word LDRB Load Byte STRB Store Byte LDRBT Load Register Byte with Translation STRBT Store Register Byte with Translation LDRT Load Register with Translation STRT Store Register with Translation LDM Load Multiple STM Store Multiple SWP Swap Word SWPB Swap Byte MCR Move To Coprocessor MRC Move From Coprocessor LDC Load To Coprocessor STC Store From Coprocessor CDP Coprocessor Data Processing |