công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI74FCT16823AT bảng dữ liệu(PDF) 7 Page - Pericom Semiconductor Corporation

tên linh kiện PI74FCT16823AT
Giải thích chi tiết về linh kiện  Fast CMOS 18-Bit Registers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT16823AT bảng dữ liệu(HTML) 7 Page - Pericom Semiconductor Corporation

  PI74FCT16823AT Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT16823AT Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT16823AT Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT16823AT Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT16823AT Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT16823AT Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT16823AT Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT16823AT Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PI74FCT16823T/162823/162H823T
18-BIT REGISTERS
7
PS2040A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT162823T Switching Characteristics over Operating Range
162823AT
162823BT
162823CT
162823DT
162823ET
Com.
Com.
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
1.5
10.0
1.5
7.5
1.5
6.0
1.5
5.0
1.5
4.4
ns
tPHL
X
CLK to XQX
RL = 500
Ω
CL = 300 pF(3)
1.5
20.0
1.5
15.0
1.5
12.5
1.5
8.5
1.5
8.0
ns
RL = 500
Ω
tPHL
Propagation Delay
CL = 50 pF
1.5
14.0
1.5
9.0
1.5
8.0
1.5
5.0
1.5
4.4
ns
X
CLR to XQX
RL = 500
Ω
tPZH
Output Enable Time
CL = 50 pF
1.5
12.0
1.5
8.0
1.5
7.0
1.5
4.8
1.5
4.4
ns
tPZL
X
OE to XQX
RL = 500
Ω
CL = 300 pF(3)
1.5
23.0
1.5
15.0
1.5
12.5
1.5
10.0
1.5
9.0
ns
RL = 500
Ω
tPHZ
Output Disable Time(3)
CL = 5 pF(3)
1.5
7.0
1.5
6.5
1.5
6.2
1.5
5.0
1.5
4.0
ns
tPLZ
X
OE to XQX
RL = 500
Ω
CL = 50 pF
1.5
8.0
1.5
7.5
1.5
6.5
1.5
5.0
1.5
4.0
ns
RL = 500
Ω
tSU
Setup Time HIGH or
CL = 50 pF
4.0
—
3.0
—
3.0
—
3.0
—
1.5
—
ns
LOW, XDX to XCLK
RL = 500
Ω
tH
Hold Time HIGH or
2.0
—
1.5
—
1.5
—
1.5
—
0
—
ns
LOW, XDX to XCLK
tSU
Setup Time HIGH or
4.0
—
3.0
—
3.0
—
3.0
—
2.5
—
ns
LOW, XCLKEN to XCLK
tH
Hold Time HIGH or
2.0
—
0
—
0
—
0
—
0
—
ns
LOW, XCLKEN to XCLK
tW
xCLK Pulse Width
7.0
—
6.0
—
6.0
—
6.0
—
3.0
—
ns
HIGH or LOW(3)
tW
xCLR Pulse Width LOW(3)
6.0
—
6.0
—
6.0
—
6.0
—
3.0
—
ns
tREM
Recovery Time(3)
6.0
—
6.0
—
6.0
—
6.0
—
3.0
—
ns
X
CLR to XCLK
tSK(O)
Output Skew (4)
—
0.5
—
0.5
—
0.5
—
0.5
—
0.5
ns
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.
4. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com