| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC3702CPWR bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC3702CPWR bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 39 page ![]() TLC3702 DUAL MICROPOWER LinCMOS ™ VOLTAGE COMPARATORS SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012 20 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION − + 22 kΩ C1 0.01 μF (see Note A) 1/2 TLC3702 R1 100 kΩ (see Note B) 12 V 100 kΩ 1/2 TLC3702 2OUT − + − + 1/2 TLC3702 100 kΩ 100 kΩ 12 V 1OUT 12 V R2 5 kΩ (see Note C) R3 100 kΩ (see Note B) 2OUT 1OUT 12 V NOTES: A. Adjust C1 for a change in oscillator frequency where: 1/f = 1.85(100 kΩ)C1 B. Adjust R1 and R3 to change duty cycle C. Adjust R2 to change deadtime Figure 27. Two-Phase Nonoverlapping Clock Generator |