| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC271ACPSR bảng dữ liệu(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC271ACPSR bảng dữ liệu(HTML) 18 Page - Texas Instruments |
|
18 / 84 page ![]() TLC271, TLC271A, TLC271B LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001 18 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS (HIGH-BIAS MODE)† Figure 22 TA = 25°C See Figure 98 AV = 1 VI(PP) = 1 V RL = 10 kΩ CL = 20 pF 8 7 6 5 4 3 2 1 14 12 10 8 6 4 2 0 16 VDD – Supply Voltage – V 0 SLEW RATE vs SUPPLY VOLTAGE Figure 23 VDD = 10 V VI(PP) = 1 V VDD = 5 V RL = 10 kΩ AV = 1 See Figure 99 CL = 20 pF – 75 0 1 2 3 4 5 6 7 8 100 75 50 25 0 – 25 – 50 125 TA – Free-Air Temperature – °C SLEW RATE vs FREE-AIR TEMPERATURE VDD = 10 V VI(PP) = 5.5 V VI(PP) = 1 V VDD = 5 V VI(PP) = 2.5 V Figure 24 VI(SEL) = 0 TA = 25°C – 2.4 – 1.8 – 1.2 – 0.6 14 12 10 8 6 4 2 0 16 – 3 VDD – Supply Voltage – V 0 BIAS-SELECT CURRENT vs SUPPLY VOLTAGE – 2.7 – 2.1 – 1.5 – 0.9 – 0.3 Figure 25 VDD = 5 V 1000 100 9 8 7 6 5 4 3 2 1 0 10000 10 f – Frequency – kHz 10 MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE vs FREQUENCY TA = 125°C TA = 25°C TA = 55°C VDD = 10 V RL = 10 kΩ See Figure 98 † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |