| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC27M7CD bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC27M7CD bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 49 page ![]() TLC27M2, TLC27M2A, TLC27M2B, TLC27M7 LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS051E − OCTOBER 1987 − REVISED AUGUST 2008 12 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics at specified free-air temperature, VDD = 5 V PARAMETER TEST CONDITIONS TA TLC27M2I TLC27M2AI TLC27M2BI TLC27M7I UNIT MIN TYP MAX 25 °C 0.43 R = 100 k , VI(PP) = 1 V −40 °C 0.51 SR Slew rate at unity gain RL = 100 kΩ, CL = 20 pF, VI(PP) = 1 V 85 °C 0.35 V/ s SR Slew rate at unity gain L CL = 20 pF, See Figure 1 25 °C 0.40 V/ µs See Figure 1 VI(PP) = 2.5 V −40 °C 0.48 VI(PP) = 2.5 V 85 °C 0.32 Vn Equivalent input noise voltage f = 1 kHz, See Figure 2 RS = 20 Ω, 25 °C 32 nV/ √Hz VO = VOH, CL = 20 pF, 25 °C 55 BOM Maximum output-swing bandwidth VO = VOH, RL = 100 kΩ, CL = 20 pF, See Figure 1 −40 °C 75 kHz BOM Maximum output-swing bandwidth RL = 100 kΩ, See Figure 1 85 °C 45 kHz VI = 10 mV, CL = 20 pF, 25 °C 525 B1 Unity-gain bandwidth VI = 10 mV, See Figure 3 CL = 20 pF, −40 °C 770 kHz B1 Unity-gain bandwidth See Figure 3 85 °C 370 kHz VI = 10 mV, f = B1, 25 °C 40 ° φm Phase margin VI = 10 mV, CL = 20 pF, f = B1, See Figure 3 −40 °C 43 ° φm Phase margin CL = 20 pF, See Figure 3 85 °C 38 ° operating characteristics at specified free-air temperature, VDD = 10 V PARAMETER TEST CONDITIONS TA TLC27M2I TLC27M2AI TLC27M2BI TLC27M7I UNIT MIN TYP MAX 25 °C 0.62 R = 100 k , VI(PP) = 1 V −40 °C 0.77 SR Slew rate at unity gain RL = 100 kΩ, CL = 20 pF, VI(PP) = 1 V 85 °C 0.47 V/ s SR Slew rate at unity gain L CL = 20 pF, See Figure 1 25 °C 0.56 V/ µs See Figure 1 VI(PP) = 5.5 V −40 °C 0.70 VI(PP) = 5.5 V 85 °C 0.44 Vn Equivalent input noise voltage f = 1 kHz, See Figure 2 RS = 20 Ω, 25 °C 32 nV/ √Hz VO = VOH, CL = 20 pF, 25 °C 35 BOM Maximum output-swing bandwidth VO = VOH, RL = 100 kΩ, CL = 20 pF, See Figure 1 −40 °C 45 kHz BOM Maximum output-swing bandwidth RL = 100 kΩ, See Figure 1 85 °C 25 kHz VI = 10 mV, CL = 20 pF, 25 °C 635 B1 Unity-gain bandwidth VI = 10 mV, See Figure 3 CL = 20 pF, −40 °C 880 kHz B1 Unity-gain bandwidth See Figure 3 85 °C 480 kHz VI = 10 mV, f = B1, 25 °C 43 ° φm Phase margin VI = 10 mV, CL = 20 pF, f = B1, See Figure 3 −40 °C 46 ° φm Phase margin CL = 20 pF, See Figure 3 85 °C 41 ° |