công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST26VF064BEUI bảng dữ liệu(PDF) 43 Page - Microchip Technology

tên linh kiện SST26VF064BEUI
Giải thích chi tiết về linh kiện  64 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48??and EUI-64??Identifier
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF064BEUI bảng dữ liệu(HTML) 43 Page - Microchip Technology

Back Button SST26VF064BEUI Datasheet HTML 39Page - Microchip Technology SST26VF064BEUI Datasheet HTML 40Page - Microchip Technology SST26VF064BEUI Datasheet HTML 41Page - Microchip Technology SST26VF064BEUI Datasheet HTML 42Page - Microchip Technology SST26VF064BEUI Datasheet HTML 43Page - Microchip Technology SST26VF064BEUI Datasheet HTML 44Page - Microchip Technology SST26VF064BEUI Datasheet HTML 45Page - Microchip Technology SST26VF064BEUI Datasheet HTML 46Page - Microchip Technology SST26VF064BEUI Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
 2015-2018 Microchip Technology Inc.
DS20006138A-page 43
SST26VF064BEUI
6
070000H - 07FFFFH
64 KByte
5
060000H - 06FFFFH
64 KByte
4
050000H - 05FFFFH
64 KByte
3
040000H - 04FFFFH
64 KByte
2
030000H - 03FFFFH
64 KByte
1
020000H - 02FFFFH
64 KByte
0
010000H - 01FFFFH
64 KByte
1. The default state after a power-on reset is write-protected BPR[143:0] = 5555 FFFFFFFF FFFFFFFF FFFFFFFF FFFFFFFF
2. nVWLDR bits are one-time-programmable. Once a nVWLDR bit is set, the protection state of that particular block is perma-
nently write-locked.
TABLE 5-6:
BLOCK-PROTECTION REGISTER FOR SST26VF064BEUI (CONTINUED) (4 OF 4)1
BPR Bits
Address Range
Protected Block
Size
Read Lock
Write Lock/
nVWLDR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81