công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PMC232 bảng dữ liệu(PDF) 4 Page - PADAUK Technology.

tên linh kiện PMC232
Giải thích chi tiết về linh kiện  12-bit ADC Enhanced
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PADAUK [PADAUK Technology.]
Trang chủ  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMC232 bảng dữ liệu(HTML) 4 Page - PADAUK Technology.

  PMC232 Datasheet HTML 1Page - PADAUK Technology. PMC232 Datasheet HTML 2Page - PADAUK Technology. PMC232 Datasheet HTML 3Page - PADAUK Technology. PMC232 Datasheet HTML 4Page - PADAUK Technology. PMC232 Datasheet HTML 5Page - PADAUK Technology. PMC232 Datasheet HTML 6Page - PADAUK Technology. PMC232 Datasheet HTML 7Page - PADAUK Technology. PMC232 Datasheet HTML 8Page - PADAUK Technology. PMC232 Datasheet HTML 9Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
PMC232/PMS232 Series
12-bit ADC Enhanced FPPA
TM
8-bit OTP Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 4 of 94
PDK-DS-PMx232_V104– Dec. 18, 2018
5-5. Data Memory -- SRAM.........................................................................................................35
5-6. Arithmetic and Logic Unit .....................................................................................................35
5-7. Oscillator and clock..............................................................................................................36
5-7-1. Internal High RC oscillator and Internal Low RC oscillator .........................................36
5-7-2. Chip calibration ..........................................................................................................36
5-7-3. IHRC Frequency Calibration and System Clock.........................................................36
5-7-4. External Crystal Oscillator..........................................................................................38
5-7-5. System Clock and LVR level......................................................................................39
5-7-6. System Clock Switching.............................................................................................40
5-8. 16-bit Timer (Timer16) .........................................................................................................41
5-9. 8-bit Timer (Timer2) with PWM generation...........................................................................43
5-9-1. Using the Timer2 to generate periodical waveform ....................................................44
5-9-2. Using the Timer2 to generate 8-bit PWM waveform...................................................46
5-9-3. Using the Timer2 to generate 6-bit PWM waveform...................................................47
5-10. WatchDog Timer................................................................................................................48
5-11. Interrupt .............................................................................................................................49
5-12. Power-Save and Power-Down ...........................................................................................51
5-12-1. Power-Save mode (“stopexe”) .................................................................................51
5-12-2. Power-Down mode (“stopsys”).................................................................................52
5-12-3. Wake-up ..................................................................................................................53
5-13. IO Pins...............................................................................................................................54
5-14. Reset and LVR ..................................................................................................................55
5.14.1. Reset .......................................................................................................................55
5.14.2. LVR reset .................................................................................................................55
5-15. VDD/2 bias Voltage Generator...........................................................................................55
5-16. Analog-to-Digital Conversion (ADC) module ......................................................................56
5-16-1. The input requirement for AD conversion.................................................................57
5-16-2. Select the ADC bit resolution ...................................................................................58
5-16-3. ADC clock selection .................................................................................................58
5-16-4. AD conversion .........................................................................................................58
5-16-5. Configure the analog pins ........................................................................................58
5-16-6. Using the ADC .........................................................................................................59
6. IO Registers .................................................................................................................... 60
6-1. ACC Status Flag Register (flag), IO address = 0x00 ............................................................60
6-2. FPP unit Enable Register (fppen), IO address = 0x01..........................................................60
6-3. Stack Pointer Register (sp), IO address = 0x02 ...................................................................60
6-4. Clock Mode Register (clkmd), IO address = 0x03 ................................................................60
6-5. Interrupt Enable Register (inten), IO address = 0x04 ...........................................................61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94