công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CMB02-EMF bảng dữ liệu(PDF) 95 Page - Microchip Technology

tên linh kiện MCP47CMB02-EMF
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CMB02-EMF bảng dữ liệu(HTML) 95 Page - Microchip Technology

Back Button MCP47CMB02-EMF Datasheet HTML 91Page - Microchip Technology MCP47CMB02-EMF Datasheet HTML 92Page - Microchip Technology MCP47CMB02-EMF Datasheet HTML 93Page - Microchip Technology MCP47CMB02-EMF Datasheet HTML 94Page - Microchip Technology MCP47CMB02-EMF Datasheet HTML 95Page - Microchip Technology MCP47CMB02-EMF Datasheet HTML 96Page - Microchip Technology MCP47CMB02-EMF Datasheet HTML 97Page - Microchip Technology MCP47CMB02-EMF Datasheet HTML 98Page - Microchip Technology MCP47CMB02-EMF Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 95
MCP47CXBXX
10.0 PACKAGING INFORMATION
10.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Part Number
Code
MCP47CVB01-E/MF
BAJU
MCP47CVB11-E/MF
BAJX
MCP47CVB21-E/MF
BAJZ
MCP47CVB02-E/MF
BAJV
MCP47CVB12-E/MF
BAJY
MCP47CVB22-E/MF
BAKA
MCP47CMB01-E/MF
BAJV
MCP47CMB11-E/MF
BAJQ
MCP47CMB21-E/MF
BAJS
MCP47CMB02-E/MF
BAJP
MCP47CMB12-E/MF
BAJR
MCP47CMB22-E/MF
BAJT
XXXXXX
10-Lead MSOP
YWWNNN
47CV01
Example
935256
XXXX
10-Lead DFN (3x3 mm)
PIN 1
YYWW
NNN
BAJU
Example
PIN 1
1935
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More