| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCS11 bảng dữ liệu(PDF) 82 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
MCS11 bảng dữ liệu(HTML) 82 Page - PADAUK Technology. |
|
82 / 108 page ![]() MCS11 ADC-Type Enhanced FPPA TM Controller ©Copyright 2018, PADAUK Technology Co. Ltd Page 82 of 108 PDK-DS-MCS11_v020 – Apr. 20, 2018 7. Instructions Symbol Description ACC Accumulator a Accumulator sp Stack pointer flag ACC status flag register I Immediate data & Logical AND | Logical OR ← Movement ^ Exclusive logic OR + Add - Subtraction 〜 NOT (logical complement, 1’s complement) 〒 NEG (2’s complement) OV Overflow (The operational result is out of range in signed 2’s complement number system) Z Zero (If the result of ALU operation is zero, this bit is set to 1) C Carry (The operational result is to have carry out for addition or to borrow carry for subtraction in unsigned number system) AC Auxiliary Carry (If there is a carry out from low nibble after the result of ALU operation, this bit is set to 1) pc0 Program counter for FPP0 pc1 Program counter for FPP1 pc2 Program counter for FPP2 pc3 Program counter for FPP3 pc4 Program counter for FPP4 pc5 Program counter for FPP5 pc6 Program counter for FPP6 pc7 Program counter for FPP7 |