| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP47CMB22 bảng dữ liệu(PDF) 95 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP47CMB22 bảng dữ liệu(HTML) 95 Page - Microchip Technology |
|
95 / 124 page ![]() 2018-2019 Microchip Technology Inc. DS20006089B-page 95 MCP47CXBXX 10.0 PACKAGING INFORMATION 10.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e Part Number Code MCP47CVB01-E/MF BAJU MCP47CVB11-E/MF BAJX MCP47CVB21-E/MF BAJZ MCP47CVB02-E/MF BAJV MCP47CVB12-E/MF BAJY MCP47CVB22-E/MF BAKA MCP47CMB01-E/MF BAJV MCP47CMB11-E/MF BAJQ MCP47CMB21-E/MF BAJS MCP47CMB02-E/MF BAJP MCP47CMB12-E/MF BAJR MCP47CMB22-E/MF BAJT XXXXXX 10-Lead MSOP YWWNNN 47CV01 Example 935256 XXXX 10-Lead DFN (3x3 mm) PIN 1 YYWW NNN BAJU Example PIN 1 1935 256 |