công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CVB21 bảng dữ liệu(PDF) 88 Page - Microchip Technology

tên linh kiện MCP47CVB21
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB21 bảng dữ liệu(HTML) 88 Page - Microchip Technology

Back Button MCP47CVB21 Datasheet HTML 84Page - Microchip Technology MCP47CVB21 Datasheet HTML 85Page - Microchip Technology MCP47CVB21 Datasheet HTML 86Page - Microchip Technology MCP47CVB21 Datasheet HTML 87Page - Microchip Technology MCP47CVB21 Datasheet HTML 88Page - Microchip Technology MCP47CVB21 Datasheet HTML 89Page - Microchip Technology MCP47CVB21 Datasheet HTML 90Page - Microchip Technology MCP47CVB21 Datasheet HTML 91Page - Microchip Technology MCP47CVB21 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 124 page
background image
MCP47CXBXX
DS20006089B-page 88
 2018-2019 Microchip Technology Inc.
8.3.1.2
Building a “Window” DAC
When calibrating a set point or threshold of a sensor,
typically only a small portion of the DAC output range is
utilized. If the LSb size is adequate enough to meet the
application’s accuracy needs, the unused range is
sacrificed without consequences. If greater accuracy is
needed, then the output range will need to be reduced
to increase the resolution around the desired threshold.
If the threshold is not near VREF, 2 • VREF or VSS, then
creating a “window” around the threshold has several
advantages. One simple method to create this “window”
is to use a voltage divider network with a pull-up and
pull-down resistor. Figure 8-4 and Figure 8-6 illustrate
this concept.
FIGURE 8-4:
Single-Supply “Window” DAC.
EQUATION 8-2:
VOUT AND VTRIP
CALCULATIONS
8.4
Bipolar Operation
Bipolar operation is achievable by utilizing an external
operational amplifier. This configuration is desirable
due to the wide variety and availability of op amps. This
allows a general purpose DAC, with its cost and
availability advantages, to meet almost any desired
output voltage range, power and noise performance.
Figure 8-5 illustrates a simple bipolar voltage source
configuration. R1 and R2 allow the gain to be selected,
while R3 and R4 shift the DAC's output to a selected
offset. Note that R4 can be tied to VDD instead of VSS if
a higher offset is desired.
FIGURE 8-5:
Digitally Controlled Bipolar
Voltage Source Example Circuit.
EQUATION 8-3:
VOUT, VOA+ AND VO
CALCULATIONS
R1
VCC+
VCC-
VO
I2C
2-Wire
VREF
Optional
MCP47CVBXX
VDD
VOUT
R2
C1
R3
VCC+
VCC-
RSENSE
Comp.
VTRIP
R23
R2R3
R2 R3
+
-------------------
=
V23
VCC+R2

VCC-R3

+
R2 R3
+
------------------------------------------------------
=
VTRIP
VOUTR23 V23R1
+
R1 R23
+
---------------------------------------------------
=
Thevenin
Equivalent
R1
R23
V23
VOUT
VTRIP
VOUT = VREF • G •
DAC Register Value
2N
R3
VCC+
VCC-
VO
I2C
2-Wire
VREF
Optional
MCP47CVBXX
VDD
R2
VOUT
VIN
R1
R4
C1
VOA+
VOA+ =
VOUT • R4
R3 + R4
VOUT = VREF • G •
DAC Register Value
2N
VO = VOA+ • (1 +
) – VDD • (
)
R2
R1
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com