công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DO-16TY-USB bảng dữ liệu(PDF) 1 Page - Contec Co., Ltd

tên linh kiện DO-16TY-USB
Giải thích chi tiết về linh kiện  Digital Output Terminal for USB2.0
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CONTEC [Contec Co., Ltd]
Trang chủ  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

DO-16TY-USB bảng dữ liệu(HTML) 1 Page - Contec Co., Ltd

  DO-16TY-USB Datasheet HTML 1Page - Contec Co., Ltd DO-16TY-USB Datasheet HTML 2Page - Contec Co., Ltd DO-16TY-USB Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ver.1.02
DO-16TY-USB
1
Digital Output Terminal for USB2.0
DO-16TY-USB
* Specifications, color and design of the products are subject to
change without notice.
This product is a USB2.0-compatible terminal that expands the
output function of a PC for digital signals.
Being bus-powered,
it does not need an external power supply.
DO-16TY-USB has the 16ch of unisolated open-collector
output.
In addition, it uses a protection circuit (surge
protection) as its Output circuit as well as an easily-wired
terminal connector.
Windows driver is bundled with this product.
Using the dedicated library VI-DAQ makes it possible to create
each application for LabVIEW.
Unisolated open-collector output
DO-16TY-USB has the 16ch of unisolated open-collector
output whose response speed is 200nsec.
The output rating
is max. 28VDC, 40mA per ch.
Compatible to USB1.1/USB2.0 and not necessary to power
this product externally as the bus power supply is used.
Compatible to USB1.1/USB2.0 and capable to achieve high
speed transfer at HighSpeed (480 Mbps). Not necessary to
power supply this product externally as the bus power of USB
is used.
Surge absorption diodes are built in the output circuit for
surge voltage protection.
DO-16TY-USB has a surge absorption diode connected to the
+5V output pin at each output point to protect against surge
voltages.
Windows compatible driver libraries are attached.
Using the attached driver library API-USBP(WDM) makes it
possible to create applications of Windows.
In addition, a
diagnostic program by which the operations of hardware can
be checked is provided.
Terminal connector facilitating wiring
Wiring is easy as the terminal connector (screw type) is used.
LabVIEW is supported by a plug-in of dedicated library
VI-DAQ.
Using the dedicated library VI-DAQ makes it possible to make
a LabVIEW application.
Item
Specifications
Output section
Number of output
signal points
16 points (1 common)
Output format
Unisolated open-collector output (Negative logic *1)
Output voltage 28VDC (Max.)
Output
rating
Output current
40mA (per point) (Max.)
Residual voltage with
output on
0.5V or less (Output current
≤50mA),
1.0V or less (Output current
≤100mA)
Surge protector
Diodes for Surge Absorption HZC30 (RENESAS) or equivalent
Response time
200nsec within *2
+5V output section
Output voltage
4.75 - 5.25V
External supply
capable current (Max.)
5VDC
100mA
Surge protector
ESD Noise-Clipping Diodes NNCD6.8J (NEC) or equivalent
USB
Bus specification
USB Specification 2.0/1.1 standard
USB transfer rate
12Mbps (Full-speed), 480Mbps (High-speed) *3
Power supply
Bus power
Common
Connector
14 pin (screw-terminal) plug header
Number of terminals
used at the same time
127 terminals (Max.) *4
Current consumption
(Max.)
5VDC
350mA
Operating conditions
0 - 50ºC, 10 - 90%RH (No condensation)
Allowable distance of
signal extension
Approx. 1.5m (depending on wiring environment)
Physical dimensions
(mm)
64(W) x 62(D) x 24(H) (exclusive of protrusions)
Weight
70g (Not including the USB cable, attachment)
Attached cable
USB cable 1.8m
Compatible wires
AWG28 - 16
*1
Data “0” and “1” correspond to the High and Low levels, respectively.
*2
Response time of the input/output IC
*3
This depends on the host PC environment used (OS and USB host controller).
*4
As a USB hub is also counted as one device, you cannot just connect 127 USB terminals.
Specification
Features


Số phần tương tự - DO-16TY-USB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sensata Technologies, I...
DO-160 SENSATA-DO-160 Datasheet
202Kb / 2P
AEROSPACE PRESSURE SENSORS
Rev.08/05/19
logo
Contec Co., Ltd
DO-16GY CONTEC-DO-16GY Datasheet
121Kb / 3P
F&eIT Series Isolated Digital Output Module
More results

Mô tả tương tự - DO-16TY-USB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PHOENIX CONTACT
2727624 PHOENIX-2727624 Datasheet
91Kb / 3P
Connector, colored identification, for digital 4, or 16-channel Inline output terminal blocks
2740494 PHOENIX-2740494 Datasheet
45Kb / 2P
Connector, colored identification, for digital 4, or 16-channel Inline output terminal blocks
logo
Contec Co., Ltd
AI-1608AY-USB CONTEC-AI-1608AY-USB Datasheet
357Kb / 3P
High precision analog input terminal for USB2.0
AI-1608GY-USB CONTEC-AI-1608GY-USB Datasheet
352Kb / 3P
Terminal for USB2.0 High-Resolution Analog Input
AIO-160802AY-USB CONTEC-AIO-160802AY-USB Datasheet
188Kb / 4P
High-precision analog I/O terminal for USB2.0
AIO-160802GY-USB CONTEC-AIO-160802GY-USB Datasheet
375Kb / 3P
Terminal for USB2.0 High-Resolution Analog I/O
DI-16TY-USB CONTEC-DI-16TY-USB Datasheet
157Kb / 3P
Digital Input Terminal for USB2.0
DIO-24DY-USB CONTEC-DIO-24DY-USB Datasheet
160Kb / 3P
Non-isolated bidirectional digital I/O terminal for USB2.0
DIO-0808LY-USB CONTEC-DIO-0808LY-USB Datasheet
116Kb / 4P
Isolated Digital I/O Terminal for USB2.0
DIO-0808TY-USB CONTEC-DIO-0808TY-USB Datasheet
166Kb / 3P
Digital I/O Terminal for USB2.0
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com