| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM831-112B-R bảng dữ liệu(PDF) 3 Page - EVER-WAY INDUSTRY COMPANY LIMITED |
|
|
|||||||||||||||||||||||||||||
WM831-112B-R bảng dữ liệu(HTML) 3 Page - EVER-WAY INDUSTRY COMPANY LIMITED |
|
3 / 3 page ![]() 3 OUTLINE DIMENSIONS AND WIRING DIAGRAM Unit: mm Disclaimer This datasheet is for the customers’ reference. All the specifications are subject to change without notice. We could not evaluate all the performance and all the parameters for ev e r y possible application. Thus the user should be in a tight position choose the suitable product for their own application. lf there is any query, please contact Ever-way for the technical service. However, it is the user’s responsibility to determine which product should be used only. COPYRIGHT 2011© EVER-WAY INDUSTRY COMPANY LIMITED Notice: 1. Relay is on the "reset" or "set”"status when being released from stock, with the consideration of shock risen from transit and relay mounting, relay would be changed to “set or “reset” status, therefore, when application (connecting the power supply), please reset the relay to “set” or “reset” status on request. 2. In order to maintain “set” or “reset” status, energized voltage to coil should reach the rated voltage, impulse width should be 5 times more than “set or “reset” time. Do not energize voltage to “set coil and “reset” coil simultaneously. And also long energized time (more than 1 min) should be avoided. 3. The terminals of relay without twisted copper wire can not be tin-soldered, can not be moved wilfully, more over two terminals can not be fixed at the same time. |