| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5673K bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5673K bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 147 page ![]() Introduction MPC5675K Microcontroller Data Sheet, Rev. 8.1 NXP Semiconductors 5 1.4 Block diagram Figure 1 shows a top-level block diagram of the MPC5675K device. Figure 1. MPC5675K block diagram DMA_1 ADC – Analog-to-digital converter BAM – Boot assist module CMU – Clock monitoring unit CRC – Cyclic redundancy check unit CTU – Cross triggering unit DSPI – Deserial serial peripheral interface EBI – External bus interface ECC – Error correction code ECSM – Error correction status module eDMA – Enhanced direct memory access controller FCCU – Fault collection and control unit FEC – Fast Ethernet controller FlexCAN – Controller area network controller FlexPWM – Pulse width modulator module FMPLL – Frequency-modulated phase-locked loop I2C – Inter-integrated circuit controller INTC – Interrupt controller IRCOSC – Internal RC oscillator JTAG – Joint Test Action Group interface MC – Mode entry, clock, reset, and power modules mDDR – Mobile double data rate dynamic RAM PBRIDGE – Peripheral bridge PDI – Parallel data interface PIT – Periodic interrupt timer PMC – Power management controller RC – Redundancy checker RTC – Real time clock SEMA4 – Semaphore unit SIUL – System integration unit Lite SSCM – System status and configuration module STM – System timer module SWT – Software watchdog timer TSENS – Temperature sensor XOSC – Crystal oscillator ECSM_0 STM INTC Crossbar switch (XBAR_2) Crossbar switch (XBAR_1) Memory protection unit PBRIDGE Debug l PBRIDGE SEMA4 PDI DDR Controller DMA_0 Ethernet PFLASHC PFLASHC SRAM with ECC Logic SRAM with ECC Logic PBRIDGE SWT_0 Crossbar switch (XBAR_0) Memory protection unit PMC Redundancy Checker[6] Redundancy Checker[3] Redundancy Checker[4] Redundancy Checker[2] Redundancy Checker[5] Nexus JTAG Interface ECSM_1 STM INTC SEMA4 SWT_1 PMC External Bus 2MB Flash with ECC Logic D-CACHE e200z7d Core_1 I-CACHE VLE SPE2 MMU D-CACHE e200z7d Core_0 I-CACHE VLE SPE2 MMU Redundancy Checker[7] Redundancy Checker[0] |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |