| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM5P2308A bảng dữ liệu(PDF) 14 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM5P2308A bảng dữ liệu(HTML) 14 Page - Alliance Semiconductor Corporation |
|
14 / 18 page ![]() September 2005 ASM5P2308A rev 1.4 3.3V Zero Delay Buffer 14 of 18 Notice: The information in this document is subject to change without notice. Ordering Codes (Contd…) Ordering Code Marking Package Type Operating Range ASM5I2308A-4-16-SR 5I2308A-4 16-pin 150-mil SOIC-TAPE & REEL Industrial ASM5P2308A-4-16-TT 5P2308A-4 16-pin 4.4-mm TSSOP - TUBE Commercial ASM5I2308A-4-16-TT 5I2308A-4 16-pin 4.4-mm TSSOP - TUBE Industrial ASM5P2308A-4-16-TR 5P2308A-4 16-pin 4.4-mm TSSOP - TAPE & REEL Commercial ASM5I2308A-4-16-TR 5I2308A-4 16-pin 4.4-mm TSSOP - TAPE & REEL Industrial ASM5P2308A-5H-16-ST 5P2308A-5H 16-pin 150-mil SOIC-TUBE Commercial ASM5I2308A-5H-16-ST 5I2308A-5H 16-pin 150-mil SOIC- TUBE Industrial ASM5P2308A-5H-16-SR 5P2308A-5H 16-pin 150-mil SOIC-TAPE & REEL Commercial ASM5I2308A-5H-16-SR 5I2308A-5H 16-pin 150-mil SOIC-TAPE & REEL Industrial ASM5P2308A-5H-16-TT 5P2308A-5H 16-pin 4.4-mm TSSOP - TUBE Commercial ASM5I2308A-5H-16-TT 5I2308A-5H 16-pin 4.4-mm TSSOP - TUBE Industrial ASM5P2308A-5H-16-TR 5P2308A-5H 16-pin 4.4-mm TSSOP - TAPE & REEL Commercial ASM5I2308A-5H-16-TR 5I2308A-5H 16-pin 4.4-mm TSSOP - TAPE & REEL Industrial ASM5P2308AF-1-16-ST 5P2308AF-1 16-pin 150-mil SOIC-TUBE, Pb free Commercial ASM5I2308AF-1-16-ST 5I2308AF-1 16-pin 150-mil SOIC- TUBE, Pb free Industrial ASM5P2308AF-1-16-SR 5P2308AF-1 16-pin 150-mil SOIC-TAPE & REEL, Pb free Commercial ASM5I2308AF-1-16-SR 5I2308AF-1 16-pin 150-mil SOIC-TAPE & REEL, Pb free Industrial ASM5P2308AF-1-16-TT 5P2308AF-1 16-pin 4.4-mm TSSOP - TUBE, Pb free Commercial ASM5I2308AF-1-16-TT 5I2308AF-1 16-pin 4.4-mm TSSOP - TUBE, Pb free Industrial ASM5P2308AF-1-16-TR 5P2308AF-1 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb free Commercial ASM5I2308AF-1-16-TR 5I2308AF-1 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb free Industrial ASM5P2308AF-1H-16-ST 5P2308AF-1H 16-pin 150-mil SOIC-TUBE, Pb free Commercial ASM5I2308AF-1H-16-ST 5I2308AF-1H 16-pin 150-mil SOIC- TUBE, Pb free Industrial ASM5P2308AF-1H-16-SR 5P2308AF-1H 16-pin 150-mil SOIC-TAPE & REEL, Pb free Commercial ASM5I2308AF-1H-16-SR 5I2308AF-1H 16-pin 150-mil SOIC-TAPE & REEL, Pb free Industrial ASM5P2308AF-1H-16-TT 5P2308AF-1H 16-pin 4.4-mm TSSOP - TUBE, Pb free Commercial ASM5I2308AF-1H-16-TT 5I2308AF-1H 16-pin 4.4-mm TSSOP - TUBE, Pb free Industrial ASM5P2308AF-1H-16-TR 5P2308AF-1H 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb free Commercial ASM5I2308AF-1H-16-TR 5I2308AF-1H 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb free Industrial ASM5P2308AF-2-16-ST 5P2308AF-2 16-pin 150-mil SOIC-TUBE, Pb free Commercial ASM5I2308AF-2-16-ST 5I2308AF-2 16-pin 150-mil SOIC- TUBE, Pb free Industrial ASM5P2308AF-2-16-SR 5P2308AF-2 16-pin 150-mil SOIC-TAPE & REEL, Pb free Commercial ASM5I2308AF-2-16-SR 5I2308AF-2 16-pin 150-mil SOIC-TAPE & REEL, Pb free Industrial ASM5P2308AF-2-16-TT 5P2308AF-2 16-pin 4.4-mm TSSOP - TUBE, Pb free Commercial ASM5I2308AF-2-16-TT 5I2308AF-2 16-pin 4.4-mm TSSOP - TUBE, Pb free Industrial ASM5P2308AF-2-16-TR 5P2308AF-2 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb free Commercial |