| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM5P2304B bảng dữ liệu(PDF) 11 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM5P2304B bảng dữ liệu(HTML) 11 Page - Alliance Semiconductor Corporation |
|
11 / 13 page ![]() September 2005 ASM5P2304B rev 0.5 3.3V Zero Delay Buffer 11 of 13 Notice: The information in this document is subject to change without notice. Ordering Codes Ordering Code Marking Package Type Operating Range ASM5P2304B-1-08-SR 5P2304B-1 8-pin 150-mil SOIC-TAPE & REEL Commercial ASM5P2304B-1-08-ST 5P2304B-1 8-pin 150-mil SOIC-TUBE Commercial ASM5I2304B-1-08-SR 5I2304B-1 8-pin 150-mil SOIC-TAPE & REEL Industrial ASM5I2304B-1-08-ST 5I2304B-1 8-pin 150-mil SOIC-TUBE Industrial ASM5P2304B-1H-08-SR 5P2304B-1H 8-pin 150-mil SOIC-TAPE & REEL Commercial ASM5P2304B-1H-08-ST 5P2304B-1H 8-pin 150-mil SOIC-TUBE Commercial ASM5I2304B-1H-08-SR 5I2304B-1H 8-pin 150-mil SOIC-TAPE & REEL Industrial ASM5I2304B-1H-08-ST 5I2304B-1H 8-pin 150-mil SOIC-TUBE Industrial ASM5P2304B-2-08-SR 5P2304B-2 8-pin 150-mil SOIC-TAPE & REEL Commercial ASM5P2304B-2-08-ST 5P2304B-2 8-pin 150-mil SOIC-TUBE Commercial ASM5I2304B-2-08-SR 5I2304B-2 8-pin 150-mil SOIC-TAPE & REEL Industrial ASM5I2304B-2-08-ST 5I2304B-2 8-pin 150-mil SOIC-TUBE Industrial ASM5P2304B-2H-08-SR 5P2304B-2H 8-pin 150-mil SOIC-TAPE & REEL Commercial ASM5P2304B-2H-08-ST 5P2304B-2H 8-pin 150-mil SOIC-TUBE Commercial ASM5I2304B-2H-08-SR 5I2304B-2H 8-pin 150-mil SOIC-TAPE & REEL Industrial ASM5I2304B-2H-08-ST 5I2304B-2H 8-pin 150-mil SOIC-TUBE Industrial ASM5P2304BF-1-08-SR 5P2304BF-1 8-pin 150-mil SOIC-TAPE & REEL, Pb free Commercial ASM5P2304BF-1-08-ST 5P2304BF-1 8-pin 150-mil SOIC-TUBE, Pb free Commercial ASM5I2304BF-1-08-SR 5I2304BF-1 8-pin 150-mil SOIC-TAPE & REEL, Pb free Industrial ASM5I2304BF-1-08-ST 5I2304BF-1 8-pin 150-mil SOIC-TUBE, Pb free Industrial ASM5P2304BF-1H-08-SR 5P2304BF-1H 8-pin 150-mil SOIC-TAPE & REEL, Pb free Commercial ASM5P2304BF-1H-08-ST 5P2304BF-1H 8-pin 150-mil SOIC-TUBE, Pb free Commercial ASM5I2304BF-1H-08-SR 5I2304BF-1H 8-pin 150-mil SOIC-TAPE & REEL, Pb free Industrial ASM5I2304BF-1H-08-ST 5I2304BF-1H 8-pin 150-mil SOIC-TUBE, Pb free Industrial ASM5P2304BF-2-08-SR 5P2304BF-2 8-pin 150-mil SOIC-TAPE & REEL, Pb free Commercial ASM5P2304BF-2-08-ST 5P2304BF-2 8-pin 150-mil SOIC-TUBE, Pb free Commercial ASM5I2304BF-2-08-SR 5I2304BF-2 8-pin 150-mil SOIC-TAPE & REEL, Pb free Industrial ASM5I2304BF-2-08-ST 5I2304BF-2 8-pin 150-mil SOIC-TUBE, Pb free Industrial ASM5P2304BF-2H-08-SR 5P2304BF-2H 8-pin 150-mil SOIC-TAPE & REEL, Pb free Commercial ASM5P2304BF-2H-08-ST 5P2304BF-2H 8-pin 150-mil SOIC-TUBE, Pb free Commercial ASM5I2304BF-2H-08-SR 5I2304BF-2H 8-pin 150-mil SOIC-TAPE & REEL, Pb free Industrial ASM5I2304BF-2H-08-ST 5I2304BF-2H 8-pin 150-mil SOIC-TUBE, Pb free Industrial ASM5P2304BG-1-08-SR 5P2304BG-1 8-pin 150-mil SOIC-TAPE & REEL, Green Commercial ASM5P2304BG-1-08-ST 5P2304BG-1 8-pin 150-mil SOIC-TUBE, Green Commercial ASM5I2304BG-1-08-SR 5I2304BG-1 8-pin 150-mil SOIC-TAPE & REEL, Green Industrial ASM5I2304BG-1-08-ST 5I2304BG-1 8-pin 150-mil SOIC-TUBE, Green Industrial |