| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
COM-2PD-PE bảng dữ liệu(PDF) 3 Page - Contec Co., Ltd |
|
|
|||||||||||||||||||||||||||||
COM-2PD-PE bảng dữ liệu(HTML) 3 Page - Contec Co., Ltd |
|
3 / 3 page ![]() Ver.1.01 COM-2PD-PE 3 - Connecting directly to the port connector If connecting an external device directly from the connector on the board, use a CN5-D9F or equivalent connector. < Pin Assignment > For TxD, RxD, and RTS, even numbered pins are + and odd numbered pins are -. For CTS, even numbered pins are - and odd numbered pins are +. This is the opposite of the other signals, but is not a misprint. The RS-422A/485 interface works based on a differential signal whereby the signal is carried by the potential difference between two lines (+ and -). Using twisted pair cable is recommended to improve resistance to noise. Example Connection RTS and CTS to a External Device in Full Duplex Example Connection Oneself loop to RTS and CTS in Full Duplex Example Connection in Half Duplex If connecting between external devices and this board with faulty wiring, it will become the cause of failure. TxD1+ Transmit Data+ RTS1- Request to Send- RTS1+ Request to Send+ TxD1- Transmit Data- CN1 SG1 Signal Ground 1 2 3 4 5 6 7 8 9 Receive Data- RxD1- Receive Data+ RxD1+ Clear to Send+ CTS1+ Clear to Send- CTS1- TxD2+ Transmit Data+ RTS2- Request to Send- RTS2+ Request to Send+ TxD2- Transmit Data- CN2 SG2 Signal Ground 1 2 3 4 5 6 7 8 9 Receive Data- RxD2- Receive Data+ RxD2+ Clear to Send+ CTS2+ Clear to Send- CTS2- CAUTION RTS- RxD- TxD- TxD+ RxD+ RTS+ CTS+ CTS- SG RTS- RxD- TxD- TxD+ RxD+ RTS+ CTS+ CTS- SG External device External device RxD- TxD- TxD+ RxD+ SG RxD- TxD- TxD+ RxD+ SG External device TxD- TxD+ SG TxD- TxD+ SG CAUTION External Connection Types of Cable and Example Connections |