| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WST2002 bảng dữ liệu(PDF) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd |
|
|
|||||||||||||||||||||||||||||
WST2002 bảng dữ liệu(HTML) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd |
|
4 / 5 page ![]() N-Ch MOSFET Page 4 www.winsok.tw Dec.2014 WST2002 D b1 E b e A L C H −Y− −X− 0.08 (0.0032) X Y 2X E 1 2 3 1.0 0.039 mm inches 0.40 0.0157 0.40 0.0157 0.40 0.0157 0.40 0.0157 0.40 0.0157 DIM MIN NOM MAX MILLIMETERS 0.45 0.50 0.55 0.15 0.20 0.27 0.25 0.3 0.35 0.07 0.12 0.17 1.15 1.20 1.25 0.75 0.80 0.85 0.40 BSC 1.15 1.20 1.25 A b b1 C D E e H E L 0.15 0.20 0.25 0.018 0.020 0.022 0.0059 0.0079 0.0106 0.010 0.012 0.014 0.0028 0.0047 0.0067 0.045 0.047 0.049 0.03 0.032 0.034 0.016 BSC 0.045 0.047 0.049 0.0059 0.0079 0.0098 MIN NOM MAX INCHES NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. Packaging : SOT−723 SOLDERING FOOTPRINT |