| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
9182B bảng dữ liệu(PDF) 2 Page - B&K Precision Corporation |
|
|
|||||||||||||||||||||||||||||
9182B bảng dữ liệu(HTML) 2 Page - B&K Precision Corporation |
|
2 / 6 page ![]() www.bkprecision.com Programmable Dual-Range DC Power Supplies 9170B & 9180B series 2 Bright display showing both measured output value and set value Vertical and horizantal cursors make studying UUT response to small voltage or current changes easy Direct-entry numeric keypad to set precise voltage and current values Front panel remote sense terminal (all single channel models except 9184B and 9185B) High voltage models come with special binding posts engineered for maximum safety Individual output on/off buttons for each output channel Dedicated indicators for important safety functions Front panel Rear panel Standard USB interface Intelligent temperature-controlled, low noise cooling fan Rear panel output and remote sense terminals Modular interface card slots Only buy what you need, when you need it. Pick and choose from up to 4 different types of interface cards to install at time of purchase or upgrade later. Interface card options include: LAN and GPIB, Digital I/O and Analog Control, RS485, or RS232. Installation is quick and easy and does not require opening the instrument case (does not void warranty). Dual channel models High voltage models |