| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
9201 bảng dữ liệu(PDF) 2 Page - B&K Precision Corporation |
|
|
|||||||||||||||||||||||||||||
9201 bảng dữ liệu(HTML) 2 Page - B&K Precision Corporation |
|
2 / 4 page ![]() www.bkprecision.com Multi-Range Programmable DC Power Supplies 9200 Series 2 Bright VFD display Front panel Rear panel Rotary knob Thermostatically controlled cooling fan RS-232 interface USB interface GPIB interface Rear panel output, remote sense, and digital voltmeter terminal AC line input Numeric keypad Function keys Cursor keys Output terminal The numeric keys and rotary knob provide a convenient interface for setting output levels quickly and precisely. Use the meter button to quickly toggle between measured and set values. Additionally, the power supplies provide internal memory for storage of up to 72 different instrument settings that can be saved and recalled via the front panel or remote interfaces. Intuitive user interface PC connectivity These power supplies offer SCPI IEEE488.2 compatible standard USB (USBTMC-compliant), RS232, and GPIB interfaces to facilitate test system development and integration. |