| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM3P623S00AG-08-SR bảng dữ liệu(PDF) 12 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM3P623S00AG-08-SR bảng dữ liệu(HTML) 12 Page - Alliance Semiconductor Corporation |
|
12 / 16 page ![]() July 2005 ASM3P623S00A/B/C/D/E/F rev 1.0 Zero Cycle Slip Peak EMI Reduction IC 12 of 16 Notice: The information in this document is subject to change without notice. Ordering Codes Ordering Code Marking Package Type Operating Range ASM3P623S00DF-16-ST 3P623S00DF 16-pin 150-mil SOIC-TUBE, Pb Free Commercial ASM3P623S00EF-16-ST 3P623S00EF 16-pin 150-mil SOIC- TUBE, Pb Free Commercial ASM3P623S00FF-16-ST 3P623S00FF 16-pin 150-mil SOIC- TUBE, Pb Free Commercial ASM3I623S00DF-16-ST 3I623S00DF 16-pin 150-mil SOIC-TUBE, Pb Free Industrial ASM3I623S00EF-16-ST 3I623S00EF 16-pin 150-mil SOIC- TUBE, Pb Free Industrial ASM3I623S00FF-16-ST 3I623S00FF 16-pin 150-mil SOIC- TUBE, Pb Free Industrial ASM3P623S00DF-16-SR 3P623S00DF 16-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3P623S00EF-16-SR 3P623S00EF 16-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3P623S00FF-16-SR 3P623S00FF 16-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3I623S00DF-16-SR 3I623S00DF 16-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3I623S00EF-16-SR 3I623S00EF 16-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3I623S00FF-16-SR 3I623S00FF 16-pin 150-mil SOIC-TAPE & REEL, Pb Free Industrial ASM3P623S00DF-16-TT 3P623S00DF 16-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3P623S00EF-16-TT 3P623S00EF 16-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3P623S00FF-16-TT 3P623S00FF 16-pin 4.4-mm TSSOP - TUBE, Pb Free Commercial ASM3I623S00DF-16-TT 3I623S00DF 16-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3I623S00EF-16-TT 3I623S00EF 16-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3I623S00FF-16-TT 3I623S00FF 16-pin 4.4-mm TSSOP - TUBE, Pb Free Industrial ASM3P623S00DF-16-TR 3P623S00DF 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3P623S00EF-16-TR 3P623S00EF 16- pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3P623S00FF-16-TR 3P623S00FF 16- pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Commercial ASM3I623S00DF-16-TR 3I623S00DF 16-pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3I623S00EF-16-TR 3I623S00EF 16- pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3I623S00FF-16-TR 3I623S00FF 16- pin 4.4-mm TSSOP - TAPE & REEL, Pb Free Industrial ASM3P623S00AF-08-ST 3P623S00AF 8-pin 150-mil SOIC-TUBE, Pb Free Commercial ASM3P623S00BF-08-ST 3P623S00BF 8-pin 150-mil SOIC- TUBE, Pb Free Commercial ASM3P623S00CF-08-ST 3P623S00CF 8-pin 150-mil SOIC- TUBE, Pb Free Commercial ASM3I623S00AF-08-ST 3I623S00AF 8-pin 150-mil SOIC-TUBE, Pb Free Industrial ASM3I623S00BF-08-ST 3I623S00BF 8-pin 150-mil SOIC- TUBE, Pb Free Industrial ASM3I623S00CF-08-ST 3I623S00CF 8-pin 150-mil SOIC- TUBE, Pb Free Industrial ASM3P623S00AF-08-SR 3P623S00AF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial ASM3P623S00BF-08-SR 3P623S00BF 8-pin 150-mil SOIC-TAPE & REEL, Pb Free Commercial |