| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1693 bảng dữ liệu(PDF) 2 Page - B&K Precision Corporation |
|
|
|||||||||||||||||||||||||||||
1693 bảng dữ liệu(HTML) 2 Page - B&K Precision Corporation |
|
2 / 3 page ![]() 2 w w w.bk prec ision.c om Rear Panel High Current Switching DC Power Supplies Models 1693 & 1694 Conveniently placed on the front panel for quick use, this auxiliary terminal is connected in parallel with the main output terminal and provides an additional output for your application. Auxiliary Output Terminal Easy Operation Valuable Features Overload LED indicator Output voltage control knob Bright, dual LED displays Power ON LED Main output terminal Remote sense terminal Analog remote control terminal Cooling fan Analog Remote Control Capability Use the included connector to wire up to an external variable DC voltage source or variable resistor to remotely control the power supply's output voltage or to turn the output on/off. Remote Sense Improve regulation of the power supply’s output voltage at the load by using the remote sense terminals to compensate for voltage drops across the load leads. Analog remote control ON/OFF switch Auxiliary output terminal |