công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP-1616-2100 bảng dữ liệu(PDF) 9 Page - Luminus, Inc

tên linh kiện MP-1616-2100
Giải thích chi tiết về linh kiện  SMD LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUMINUS [Luminus, Inc]
Trang chủ  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

MP-1616-2100 bảng dữ liệu(HTML) 9 Page - Luminus, Inc

Back Button MP-1616-2100 Datasheet HTML 5Page - Luminus, Inc MP-1616-2100 Datasheet HTML 6Page - Luminus, Inc MP-1616-2100 Datasheet HTML 7Page - Luminus, Inc MP-1616-2100 Datasheet HTML 8Page - Luminus, Inc MP-1616-2100 Datasheet HTML 9Page - Luminus, Inc MP-1616-2100 Datasheet HTML 10Page - Luminus, Inc MP-1616-2100 Datasheet HTML 11Page - Luminus, Inc MP-1616-2100 Datasheet HTML 12Page - Luminus, Inc MP-1616-2100 Datasheet HTML 13Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
PDS-002802 Rev 04 © 2019 Luminus Devices, Inc. - All Rights Reserved
Example :
The part number MP-1616-2100-30-80 refers to a XNOVA Cube emitter with nominal color temperature of 3,000k, minimum CRI of 80 within a 3-step ellipse.
Please refer to page 3 for a description of available CCT and CRI combinations. Standard products are delivered in a single 5 step MacAdam ellipse chromaticity
bin. 3 step products are available as a special order with additional cost. To order 3 step product, please add a “-M3” suffix after the standard part number, for
example, MP-1616-2100-30-80-M3. Please contact your local Luminus sales representative for pricing information.
Notes:
CCT Codes:
CRI Codes:
27 = 2700 k
80
30 = 3000 k
90
35 = 3500k
40 = 4000 k
50 = 5000 k
Product Ordering and Shipping Part Number Nomenclature
All XNOVA Cube products are packaged and labeled with part numbers as outlined in below. When shipped, each reel will contain only a
single flux and voltage bin. The part number designation is as follows:
1616 XNOVA Cube LEDs
XNOVA Cube
Package
Type
Package
Configurator
Nominal CCT
Minimum CRI
MP
1616
2100
##
##
Forward Voltage Bins (Ta=25°C)
Luminus Flux Bins (Ta= 25°C)
Each mid power product shipped will be labeled with its specific flux and voltage bins. Not all bins listed are available in all CCTs and CRIs.
* Tolerance of measurements f the Forward Voltage is ±0.1V
Bin Code
Minimum Voltage (Volts)
Maximum Voltage ( Volts)
B
5.9
6.1
C
6.1
6.3
d
6.3
6.5
E
6.5
6.7
f
6.7
6.9
Luminus MP-1616-2100
Preliminary Product Data Sheet
Bin Code
Minimum Flux (Lumens)
Maximum Flux (Lumens)
F1
66
70
F2
70
74
F3
74
78
F4
78
82
f5
82
86
F6
86
90
f7
90
94
2A
94
100
2B
100
107
2C
107
114
2d
114
122
2E
122
130
2f
130
139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com