| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM3P2780A bảng dữ liệu(PDF) 2 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM3P2780A bảng dữ liệu(HTML) 2 Page - Alliance Semiconductor Corporation |
|
2 / 12 page ![]() September 2005 ASM3P2780A rev 1.5 Low Power Peak EMI Reducing Solution 2 of 12 Notice: The information in this document is subject to change without notice. Pin Configuration (6-pin TSOT- 23 Package) Pin Description Pin# Pin Name Type Description 1 PD I Power-down control pin. Pull low to enable power-down mode. Connect to VDD if not used. 2 XOUT O Crystal connection. If using an external reference, this pin must be left unconnected. 3 XIN / CLKIN I Crystal connection or external reference frequency input. This pin has dual functions. It can be connected either to an external crystal or an external reference clock. 4 VDD P Power supply for the entire chip. 5 ModOUT O Spread spectrum clock output. 6 VSS P Ground connection. XOUT 1 2 3 4 5 6 ASM3P2780A PD XIN / CLKIN VDD ModOUT VSS |