| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F722ICY7TR bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722ICY7TR bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 229 page ![]() DS11853 Rev 6 13/229 STM32F722xx STM32F723xx Introduction 49 1 Introduction This datasheet provides the ordering information and mechanical device characteristics of the STM32F722xx and STM32F723xx microcontrollers. This document should be ready in conjunction with the STM32F72xxx and STM32F73xxx advanced Arm®-based 32-bit MCUs reference manual (RM0431). The reference manual is available from the STMicroelectronics website www.st.com. For information on the Arm®(a) Cortex®-M7 core, refer to the Cortex®-M7 technical reference manual available from the http://www.arm.com website. a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. |