| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM2502 bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2502 bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 27 page ![]() Software configuration UM2502 20/27 UM2502 Rev 1 10 Software configuration 10.1 Supporting toolchains (not exhaustive) Table 7 gives a list of the first toolchain version supporting the STLINK-V3MODS and STLINK-V3MINI products. Note: Some of the very first toolchain versions supporting the STLINK-V3MODS and STLINK- V3MINI (in runtime) might not install the complete USB driver for STLINK-V3MODS and STLINK-V3MINI (especially the STLINK-V3MODS bridge USB interface description might miss). In that case, either use a more recent version of the toolchain, or update the STLINK- V3MINI driver from www.st.com (see Section 10.2). 10.2 Drivers and firmware upgrade The STLINK-V3MODS and STLINK-V3MINI require drivers to be installed on Windows, and embed a firmware which needs to be updated from time to time in order to benefit from new functionality or corrections. Refer to the Overview of ST-LINK derivatives technical note (TN1235) for details. 10.3 STLINK-V3MODS and STLINK-V3MINI frequency selection The STLINK-V3MODS and STLINK-V3MINI run internally at three different frequencies: • high-performance frequency • standard frequency, compromising between performance and consumption • low-consumption frequency By default, the STLINK-V3MODS and STLINK-V3MINI start in high-performance frequency. It is the responsibility of the toolchain provider to propose or not the frequency selection at user's level. 10.4 Mass storage interface The STLINK-V3MODS and STLINK-V3MINI implement a virtual mass storage interface allowing the programming of an STM32 target flash memory with drag-and-drop action of a binary file from a file explorer. This ability requires the STLINK-V3MODS and STLINK- Table 7. Toolchain versions supporting STLINK-V3MODS and STLINK-V3MINI Toolchain Description Minimum Version STM32CubeProgrammer ST Programming tool for ST microcontrollers 1.1.0 SW4STM32 Free IDE on Windows, Linux and macOS 2.4.0 IAR EWARM Third party debugger for STM32 8.20 Keil MDK-ARM Third party debugger for STM32 5.26 STVP ST Programming tool for ST microcontrollers 3.4.1 |