| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STSPIN220 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN220 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 27 page ![]() Figure 10. Overcurrent and short-circuit protection management V EN Power stage FAULT V IH V RELEASE V IL Overcurrent protection ENABLED DISABLED ENABLED t OCSD t DIS t discharge t charge V RELEASE EN\FAULT FAULT_MCU MCU DEVICE EN_MCU RELEASE EN OC\SC THSD FAULT C EN I PDEN R EN The total disable time after an overcurrent event can be set sizing properly the external network connected to the EN\FAULT pin (refer to Figure 10. Overcurrent and short-circuit protection management): Equation 2 But tcharge is normally much higher than tdischarge, thus we can consider the following: Equation 3 where VDD is the pull-up voltage of the REN resistor. STSPIN220 Overcurrent and short-circuit protection DS11633 - Rev 4 page 16/27 |