| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F723ICT6TR bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F723ICT6TR bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 229 page ![]() Contents STM32F722xx STM32F723xx 6/229 DS11853 Rev 6 6.3.31 Quad-SPI interface characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 197 6.3.32 SD/SDIO MMC card host interface (SDMMC) characteristics . . . . . . . 199 7 Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 202 7.1 LQFP64 – 10 x 10 mm, low-profile quad flat package information . . . . . 202 7.2 LQFP100, 14 x 14 mm low-profile quad flat package information . . . . . 205 7.3 LQFP144, 20 x 20 mm low-profile quad flat package information . . . . . 208 7.4 LQFP176 24 x 24 mm low-profile quad flat package information . . . . . . .211 7.5 UFBGA144 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 215 7.6 UFBGA176+25, 10 x 10, 0.65 mm ultra thin-pitch ball grid array package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 218 7.7 WLCSP100 - 0.4 mm pitch wafer level chip scale package information 221 7.8 Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225 8 Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 226 Appendix A Recommendations when using internal reset OFF . . . . . . . . . . . 227 A.1 Operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 227 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 228 |