| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STSW-STWINKT01 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSW-STWINKT01 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() Product summary Condition Monitoring and Predictive Maintenance Industrial Sensors The development kit is complemented with a rich set of software packages and optimized firmware libraries, as well as a cloud dashboard application, all provided to help speed up design cycles for end-to-end solutions. The kit supports BLE wireless connectivity through an on-board module, and Wi-Fi connectivity through a special plugin expansion board (STEVAL-STWINWFV1). Wired connectivity is also supported via an on-board RS485 transceiver. The core system board also includes an STMod+ connector for compatible, low cost, small form factor daughter boards associated with the STM32 family, such as the LTE Cell pack. Apart from the core system board, the kit is provided complete with a 480 mAh Li-Po battery, an STLINK-V3MINI debugger and a plastic box. STEVAL-STWINKT1 DB3969 - Rev 4 page 2/11 |