| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC48F0P0VT00 bảng dữ liệu(PDF) 91 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PC48F0P0VT00 bảng dữ liệu(HTML) 91 Page - Intel Corporation |
|
91 / 102 page ![]() 1-Gbit P30 Family Datasheet Intel StrataFlash® Embedded Memory (P30) April 2005 Order Number: 306666, Revision: 001 91 Figure 46. Block Lock Operations Flowchart No Start Write 0x60, Block Address Write 0x90 Read Block Lock Status Locking Change? Lock Change Complete Write either 0x01/0xD0/0x2F, Block Address Write 0xFF Partition Address Yes Write Write Write (Optional) Read (Optional) Idle Write Lock Setup Lock, Unlock, or Lock-Down Confirm Read Device ID Block Lock Status None Read Array Data = 0x60 Addr = Block to lock/unlock/lock-down Data = 0x01 (Block Lock) 0xD0 (Block Unlock) 0x2F (Lock-Down Block) Addr = Block to lock/unlock/lock-down Data = 0x90 Addr = Block address + offset 2 Block Lock status data Addr = Block address + offset 2 Confirm locking change on D[1,0]. Data = 0xFF Addr = Block address Bus Operation Command Comments LOCKING OPERATIONS PROCEDURE (Lock Confirm) (Read Device ID) (Read Array) (Lock Setup) |