công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC48F3P0VTQ0 bảng dữ liệu(PDF) 68 Page - Intel Corporation

tên linh kiện PC48F3P0VTQ0
Giải thích chi tiết về linh kiện  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F3P0VTQ0 bảng dữ liệu(HTML) 68 Page - Intel Corporation

Back Button PC48F3P0VTQ0 Datasheet HTML 64Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 65Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 66Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 67Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 68Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 69Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 70Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 71Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
68
Order Number: 306666, Revision: 001
To read data from the device (other than an erase-suspended block), the Read Array command must
be issued. During Erase Suspend, a Program command can be issued to any block other than the
erase-suspended block. Block erase cannot resume until program operations initiated during erase
suspend complete. Read Array, Read Status Register, Read Device Identifier, CFI Query, and Erase
Resume are valid commands during Erase Suspend. Additionally, Clear Status Register, Program,
Program Suspend, Block Lock, Block Unlock, and Block Lock-Down are valid commands during
Erase Suspend.
During an erase suspend, deasserting CE# places the device in standby, reducing active current.
VPP must remain at a valid level, and WP# must remain unchanged while in erase suspend. If
RST# is asserted, the device is reset.
12.3
Erase Resume
The Erase Resume command instructs the device to continue erasing, and automatically clears
status register bits SR[7,6]. This command can be written to any address. If status register error bits
are set, the Status Register should be cleared before issuing the next instruction. RST# must remain
deasserted (see Figure 41, “Program Suspend/Resume Flowchart” on page 86).
12.4
Erase Protection
When VPP = VIL, absolute hardware erase protection is provided for all device blocks. If VPP is
below VPPLK, erase operations halt and SR[3] is set indicating a VPP-level error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com