| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SARA-R510M8S bảng dữ liệu(PDF) 33 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
SARA-R510M8S bảng dữ liệu(HTML) 33 Page - u-blox AG |
|
33 / 43 page ![]() SARA-R5 series - Data sheet UBX-19016638 - R06 Qualification and approvals Page 33 of 43 C1-Public 6 Qualification and approvals 6.1 Reliability tests Tests for product family qualifications according to ISO 16750 “Road vehicles – Environmental conditions and testing for electrical and electronic equipment”, and appropriate standards. 6.1.1 Approvals SARA-R5 series modules comply with the Directive 2011/65/EU of the European Parliament and the Council on the Restriction of Use of certain Hazardous Substances in Electrical and Electronic Equipment (EU RoHS 2) and its amendment Directive (EU) 2015/863 (EU RoHS 3). SARA-R5 series modules are RoHS 3 compliant. No natural rubbers, hygroscopic materials, or materials containing asbestos are employed. Table 23 summarizes the main approvals planned for SARA-R5 series modules. Certification SARA-R500S-00B SARA-R510S-00B SARA-R510M8S-00B PTCRB LTE Cat M1 bands 1,2,3,4,5,8,12,13,18,19,20,25,26,28 LTE Cat M1 bands 1,2,3,4,5,8,12,13,18,19,20,25,26,28 LTE Cat M1 bands 1,2,3,4,5,8,12,13,18,19,20,25,26,28 GCF LTE Cat M1 bands 1,2,3,4,5,8,12,13,18,19,20,25,26,28 LTE Cat M1 bands 1,2,3,4,5,8,12,13,18,19,20,25,26,28 LTE Cat M1 bands 1,2,3,4,5,8,12,13,18,19,20,25,26,28 CE Europe LTE Cat M1 bands 1,3,8,20,28 LTE Cat M1 bands 1,3,8,20,28 LTE Cat M1 bands 1,3,8,20,28 FCC US FCC ID LTE Cat M1 bands 2,4,5,12,13,25,26 XPYUBX19KM01 LTE Cat M1 bands 2,4,5,12,13,25,26 XPYUBX19KM01 LTE Cat M1 bands 2,4,5,12,13,25,26 XPYUBX19KM01 ISED Canada ISED ID LTE Cat M1 bands 2,4,5,12,13,25 8595A-UBX19KM01 LTE Cat M1 bands 2,4,5,12,13,25 8595A-UBX19KM01 LTE Cat M1 bands 2,4,5,12,13,25 8595A-UBX19KM01 Verizon LTE Cat M1 bands 4,13 LTE Cat M1 bands 4,13 LTE Cat M1 bands 4,13 AT&T LTE Cat M1 bands 2,4,5,12 LTE Cat M1 bands 2,4,5,12 LTE Cat M1 bands 2,4,5,12 Table 23: SARA-R5 series main certification approvals summary ☞ For guidelines and notices about compliance with certification approvals requirements integrating the SARA-R5 series modules in the end-device, see the SARA-R5 series system integration manual [2]. ☞ For the complete list of planned approvals and for specific details on all country, conformance and network operators’ certifications available for all the different SARA-R5 series modules’ ordering numbers, including related certificates of compliancy, please contact your nearest u-blox office or sales representative. |