công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FT232 bảng dữ liệu(PDF) 19 Page - Future Technology Devices International Ltd.

tên linh kiện FT232
Giải thích chi tiết về linh kiện  TTL to USB Serial Converter Range of Cables
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FTDI [Future Technology Devices International Ltd.]
Trang chủ  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232 bảng dữ liệu(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button FT232 Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Copyright © Future Technology Devices International Limited
18
Document Reference No.: FT_000054
TTL-232R TTL TO USB SERIAL CONVERTER RANGE OF CABLES Datasheet Version 2.03
Clearance No.: FTDI# 53
7 TTL-232R-3V3-2mm Cables
The TTL-232R-3V3-2mm cable is terminated by a 8 way, 2mm pitch, Single-In-Line (SIL) keyed
connector. The TTL-232R-3V3-2mm operates at +3.3V levels (signals and power supply). These cables
are primarily intended for interfacing the FTDI VDRIVE2 and VMUSIC2 modules.
Note that when connected to VDRIVE2 or VMUSIC2 module, the TTL-232R-3V3-2mm cable 8-way
connector pin 1 connects to pin 8 of the module, and pin 8 of the cable connects to pin 1 of the cable.
7.1 TTL-232R-3V3-2mm Connector Pin Out and Mechanical details
GND
CTS#
VCC
TXD
RXD
RTS#
8
7
6
5,1
4
3
CABLE 1.8m
VCC
1
2
3
4
5
6
8 pin header
2mm pitch
BLACK
BROWN
RED
ORANGE
YELLOW
GREEN
7
KEY
BLUE
8
Figure 7.1 TTL-232R-3V3-2mm, 8 Way Header Pin Out
The mechanical details of the 2mm pitch 8 way, keyed, connector are shown in the following diagram
A
B
C
D
Pin 1
E
Dimensions (mm)
2.00 +/- 0.005
A
14.00 +/- 0.2
B
C
7.10 +/- 0.25
D
2.00 +/- 0.005
E
16.40 +/- 0.2
Figure 7.2 TTL-232R-3V3-2mm, 2mm pitch, Keyed, 8 way Header Mechanical Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com