công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MM3783C07VBH bảng dữ liệu(PDF) 2 Page - Mitsumi Electronics, Corp.

tên linh kiện MM3783C07VBH
Giải thích chi tiết về linh kiện  3 cell Lithium-ion/Lithium-polymer battery protection IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUMI [Mitsumi Electronics, Corp.]
Trang chủ  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3783C07VBH bảng dữ liệu(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM3783C07VBH Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3783C07VBH Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3783C07VBH Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3783C07VBH Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3783C07VBH Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3783C07VBH Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3783C07VBH Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
3 cell Lithium-ion/Lithium-polymer battery protection IC MM3783 Series
(3) Temperature protection function
Temperature protection thresholds can be setting 3 value (two thresholds of high temperature, one threshold of low
temperature) by using a NTC thermistor.
Example of temperature protection setting
High temp protection :
Charge control
Detect : +50°C ±3°C, Release : +40°C ±3°C
Discharge control
Detect : +70°C ±3°C, Release : +60°C ±3°C
Lot temp protection :
Charge/Discharge control
Detect : –10°C ±3°C, Release : 0°C ±3°C
Note4 : Detection and release temperature change according to the spec (R, B constant) of NTC.
(4) 0V battery charge function
Selection from "Permission" or " Inhibition"
(5) Low current consumption
Consumption current1 (VDD), Vcell=4.4V
Typ. 22.0µA Max. 34.0µA
Consumption current2 (VDD), Vcell=3.5V
Typ. 20.0µA Max. 26.0µA
Consumption current3 (VDD), Vcell=1.8V
Typ. 1.5µA, Max. 3.0µA
(6) Input current
V2 pin input current, Vcell=3.5V
Max. ±0.3µA
V1 pin input current, Vcell=3.5V
Max. ±0.3µA
(7) Absolute maximum ratings
VDD pin
VSS−0.3V to VSS+21V
Voltage between the input terminal
−0.3V to +10V
0V pin, V– pin
VDD−30V to VDD+0.3V
DCHG, CS, VSS_CS pin
VSS−0.3V to VDD+0.3V
REG, TH pin
VSS−0.3V to VDD+0.3V
COV, CUV pin
VSS−0.3V to VDD+0.3V
CDOC, CCOC, CTH pin
VSS−0.3V to VDD+0.3V
Storage temperature
−55°C to +125°C
(6) Charge and discharge FET control to temperature
Operation temperature
−30°C to +80°C
Supply voltage
VSS+3.5V to +18.0V
Ta[degC]
70
50
–10
C-FET
D-FET
OFF
ON
OFF
OFF
ON
OFF



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com