công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MM3538AL bảng dữ liệu(PDF) 10 Page - Mitsumi Electronics, Corp.

tên linh kiện MM3538AL
Giải thích chi tiết về linh kiện  Linear Charger for 1Cell Li-ion Battery with System-path IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUMI [Mitsumi Electronics, Corp.]
Trang chủ  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3538AL bảng dữ liệu(HTML) 10 Page - Mitsumi Electronics, Corp.

Back Button MM3538AL Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 13Page - Mitsumi Electronics, Corp. MM3538AL Datasheet HTML 14Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Linear Charger for 1Cell Li-ion Battery with System-path IC MM3538AL
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
10/25
1404-01.00
(Except where noted otherwise : Ta=25℃ , IN=5V )
Item
Symbol
Measurement
conditions
Min.
Typ.
Max.
Units
OSCILLATOR
Oscillation period
TOSC
RISET=160k
Ω
CTMR=15nF
4.2
6.0
7.8
ms
Pre-charge timer(*8)
TPRE
TBASE=TOSC×220
I2C default
TBASE
s
Total charge timer(*8)
TTOTAL
TBASE=TOSC×220
I2C default
6
×TBASE
s
USB DETECTION
D+/D− detection time(*8)
tDDE
128
ms
D+/D− detection-sw release time(*8)
tDRE
256
ms
Dead time of D+/D−detection(*8)
tDSW
1
ms
DSW pin sink current ability
VDSW(SI)
ISINK=1mA
when DSW="L"
0.25
V
DSW pin source current ability(*8)
VDSW(SO)
ISOURCE=1mA
when DSW="H"
4.50
V
Bias at D+ pin(*8)
VD+
can source at least
150uA
0.475
0.600
0.700
V
D+ pin output current limit(*8)
ID+
D+=0V
1.5
mA
D−pin sink current(*8)
ID-
D−=0.5V
10
30
50
uA
D+ pin leakage current
ID+(LEAK)
not in detection mode
1
uA
D−pin leakage current
ID-(LEAK)
not in detection mode
1
uA
D+/D− comparator threshold
VDC
L → H
0.35
0.40
0.45
V
D+/D−Hysterisis on VDC(*8)
VDChys
H → L
42
mV
(*8) Guaranteed by design
(Except where noted otherwise : Ta=25
℃ , IN=5V )
Item
Symbol
Measurement
conditions
Min.
Typ.
Max.
Units
OUTGOOD PIN
OUTGOOD threshold
VOG
BAT=L → H
2.89
2.95
3.01
V
Hysterisis on VOG(*9)
VOGhys
BAT=H → L
0.15
V
LOGIC INPUT AND OUTPUT
Low level input voltage
VL
SYSOFF, OCD,
SDA, SCL
0.4
V
High level input voltage
VH
SYSOFF, OCD,
SDA, SCL
1.5
V
Built-in pull-down resistor value
RPD
SYSOFF, OCD
100
k
Ω
Open drain pin sink current ability
VOPD
ISINK=5mA
when Pin="L"
0.25
V
(*9) Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com