| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS29F010-150PC bảng dữ liệu(PDF) 7 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS29F010-150PC bảng dữ liệu(HTML) 7 Page - Alliance Semiconductor Corporation |
|
7 / 10 page ![]() ® $65<)343 $65<)343 $65<)343 $65<)343 #### ','#4407333:0$1#72:233 ','#4407333:0$1#72:233 ','#4407333:0$1#72:233 ','#4407333:0$1#72:233 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 :::: 5HDG#ZDYHIRUP :ULWH#FRPPDQG#ZDYHIRUP :ULWH#FRPPDQG#EXV#ZDYHIRUP For all waveforms, AIN[4:1], and DIN[4:1] = Address and Data for write cycles 1–4; DIN = Data to be programmed at address AIN; Com. = Command byte input on the DQ pins during Write[3]; DOUT = Status byte, Manufacturer ID code, or array data for verify. tPWH tRC tACC tCE tOE Addresses CE OE WE Outputs enabled valid data out High Z High Z stable tOH tOF tAS tWPH tAH tCS tOES tWP tDS tDH Addresses CE OE WE Outputs data in High-Z High Z Addresses CE OE WE Outputs AIN[1] = 5555h AIN[2] = 2AAAh AIN[3] = 5555h AIN[4] = AIN AIN Write[1] Write[2] Write[3] Write[4] Read DIN[1] = AAh DIN[2] = 55h DIN[3] = Com. DIN[4] = DIN DOUT |