công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F913E/ML301 bảng dữ liệu(PDF) 41 Page - Microchip Technology

tên linh kiện PIC16F913E/ML301
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913E/ML301 bảng dữ liệu(HTML) 41 Page - Microchip Technology

Back Button PIC16F913E/ML301 Datasheet HTML 37Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 38Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 39Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 40Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 41Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 42Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 43Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 44Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 39
PIC16F917/916/914/913
3.1.1.7
RA6/OSC2/CLKO/T1OSO
Figure 3-7 shows the diagram for this pin. The
RA6/OSC2/CLKO/T1OSO
pin
is
configurable
to
function as one of the following:
• a general purpose I/O
• a crystal/resonator connection
• a clock output
• a TMR1 oscillator connection
FIGURE 3-7:
BLOCK DIAGRAM OF RA6/OSC2/CLKO/T1OSO
CLKO (FOSC/4)
FOSC = 1x1
RD PORTA
TTL
Input Buffer
Data Bus
WR PORTA
WR TRISA
FOSC = 00x, 010
FOSC = 00x, 010
RA6/OSC2/
Oscillator
Circuit
From OSC1
CLKO/T1OSO
Pin
RD TRISA
0
1
Q
D
Q
CK
Data Latch
VSS
VDD
Q
D
Q
CK
TRIS Latch
or T1OSCEN
or T1OSCEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More