công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WSF30P04 bảng dữ liệu(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

tên linh kiện WSF30P04
Giải thích chi tiết về linh kiện  P-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Trang chủ  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF30P04 bảng dữ liệu(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF30P04 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF30P04 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF30P04 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF30P04 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF30P04 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF30P04 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF30P04 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-
40
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=-1mA
---
-0.0232
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V , ID=-
12A
---
30
38
m
Ω
VGS=-4.5V , ID=-
8A
---
46
59
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-1.
8
-1.
9
-
3.0
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
4.6
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=-
32V , VGS=0V , TJ=25℃
---
---
-1
uA
VDS=-
32V , VGS=0V , TJ=55℃
---
---
-5
IGSS
Gate-Source Leakage Current
VGS=±2
0V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-
12A
---
16
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
6.5
---
Ω
Qg
Total Gate Charge (-4.5V)
VDS=-
20V , VGS=-10V , ID=-12A
---
7
---
nC
Qgs
Gate-Source Charge
---
2.2
---
Qgd
Gate-Drain Charge
---
2.4
---
Td(on)
Turn-On Delay Time
VDD=-
20V , VGS=-10V ,
RG=3
.0Ω ID=-12A
---
8
---
ns
Tr
Rise Time
---
12.2
---
Td(off)
Turn-Off Delay Time
---
24
---
Tf
Fall Time
---
12.5
---
Ciss
Input Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
657
pF
Coss
Output Capacitance
---
143
Crss
Reverse Transfer Capacitance
---
63
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
VG=VD=0V , Force Current
---
---
-
12
A
ISM
Pulsed Source Current
2,6
---
---
-
24
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=-1A , TJ=25℃
---
---
-1
V
trr
Reverse Recovery Time
IF=-1
2A
,dI/dt=100A/µs,
23.2
---
nS
Qrr
Reverse Recovery Charge
---
18.2
---
nC
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper,t<10sec.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=-25V,VGS=-10V,L=0.1mH,IAR=-12A
4.The power dissipation is limited by 150℃ junction temperature
5.The Min. value is 100% EAS tested guarantee.
6.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Diode Characteristics
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
WSF30P04
P-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014
---
---
---



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com