2 / 8 page

DUAL OPERATIONAL AMPLIFIERS
HWD4558
2
Issue Date: Jan. 2003
Chengdu Sino Microelectronics System Co.,Ltd.
Data Sheet
Rev.1.0
Recommended Operation Ratings
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
+ 18
V
VEE
- 18
Differential Input Voltage
VID
± 30
V
Input Voltage
VIC
± 15
V
Power Dissipation
PD
DIP
500
mW
SOIC
800
Operating Temperature Range
TOP
-40 to 85
oC
Storage Temperature Range
TSTG
-40 to 125
oC
Parameter
Min.
Max.
Unit
Supply Voltage
± 4
± 18
V
Absolute Maximum Ratings
Package
Temperature Range
Part Number
Marking ID
Packing Type
SOIC-8
-40 to 85oC
HWD4558M
4558M
Tube, Reel
DIP-8
HWD4558P
HWD4558P
Tube
Ordering Information
Note: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under "Recommended Operation Ratings" is not implied. Exposure to "Absolute Maximum Rat-
ings" for extended periods may affect device reliability.