| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A2CNN bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
A2CNN bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 19 page ![]() X ∈ X . Give a specific domain, a task T consists of two components: a label space Y and a prediction function f (X). From a probabilistic view point, f (X) can be written as the conditional probability distribution PY|X. Given a source domain DS and a corresponding learning task TS , a target domain DT and a corresponding learning task TT , domain adaptation aims to improve the learning of the target predictive function fT in DT using the knowledge in DS and TS , where DS DT and TS = TT , i.e., the tasks are the same but the domains are different. In real world applications of fault diagnosis, the working conditions (e.g. motor load and speed) may change from time to time according to the requisite of the production. As a kind of classification problem, the goal of intelligent fault diagnosis is to train classifier with sam- ples collected and labeled in one working condition to be able to classify samples from another working condition. Samples collected under di fferent working conditions can be regarded as dif- ferent domains. Correspondingly, the fault diagnosis settings in domain adaptation situation are as follows: • The feature spaces between domains are the same, XS = XT , e.g. the fast Fourier transform (FFT) spectrum amplitudes of raw vibration temporal signals. • The label spaces between domains are the same, YS = YT = {1, ..., K}, where K is the quantity of fault types. • PS XY and P T XY only differ in the marginal probability distribution of the input data, i.e., PS X PT X , while P S Y|X = P T Y|X . which is similar to the assumptions in covariate shift [30, 31, 32] or sample selection bias [33]. 2.2. Domain Divergence Measure The main problem existing in domain adaptation is the divergence of distribution between the target domain and source domain. Ben-David et al. [34, 35] defines a divergence measure dH∆H(S, T ) between two domains S and T , which is widely used in the theory of nonconservative domain adaptation. Using this notion, they established a probabilistic bound on the performance T (h) of some label classifier h from T evaluated on target domain given its performance S (h) on the source domain. Formally, T (h) ≤ S (h) + 1 2 dH∆H(S, T ) + λ (1) where λ is supposed to be a negligible term and dose not depend on classifier h. Eq. 1 tells us that to adapt well, one has to learn a label classifier h which works well on source domain while reducing the dH∆H(S, T ) divergence between S and T . Estimating dH∆H(S, T ) for a finite sample is exactly the problem of minimizing the empirical risk of a do- main classifier hd that discriminates between instances drawn from S and instances drawn from T , respectively pseudo-labeled with 0 and 1. More specifically, it involves the following steps: 1. Pseudo-labeling the source and target instances with 0 and 1, respectively. 2. Randomly sampling two sets of instances as the training and testing set. 3. Learning a domain classifier hd on the training set and verifying its performance on the testing set. 4. Estimating the distance as ˆ dH∆H(S, T ) = 1 − 2 (hd), where (hd) is the test error. 4 |