| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES1BF bảng dữ liệu(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
|
|||||||||||||||||||||||||||||
ES1BF bảng dữ liệu(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
2 / 3 page ![]() ES1AF THRU ES1JF SMAF 2 / 3 www.yfwdiode.com Dongguan YFW Electronics Co, Ltd. Fig.3 Typical Reverse Characteristics 20 100 60 0 0.1 1.0 10 % of PIV.VOLTS 100 40 80 300 T =25 J °C T =75 J °C T =125 J °C 50 ohm Noninductive 25Vdc approx + - D.U.T 10 ohm Noninductive NonInductive 1 ohm OSCILLOSCOPE Note 1 PULSE GENERATOR Note 2 Note:1. Rise Time = 7ns, max. Input Impedance = 1megohm,22pF. 2. Ries Time =10ns, max. Source Impedance = 50 ohms. Fig.1 Reverse Recovery Time Characteristic And Test Circuit Diagram -0.25 -1.0 0 +0.5 trr 10ns/div Set time Base for 10ns/div 0.2 0.4 0.6 0.8 1.0 1.2 0.0 25 50 75 100 125 150 175 Case Temperature ( °C) Fig.2 Maximum Average Forward Current Rating 05 10 15 20 25 30 00 10 100 Fig.6 Maximum Non-Repetitive Peak Forward Surage Current Number of Cycles 8.3 ms Single Half Sine Wave (JEDEC Method) 1 35 Fig.4 Typical Characteristics Forward 2.0 2.5 1.5 0 0.01 0.1 1.0 10 0.5 1.0 0.001 Instaneous Forward Voltage (V) T =25 J °C ES1JF ES1EF/ES1GF ES1AF~ES1DF Single phase half-wave 60 Hz resistive or inductive load Fig.5 Typical Junction Capacitance 1.0 10 100 0.1 1 10 100 Reverse Voltage (V) T =25 J °C f = 1.0MHz Vsig = 50mVp-p 8.3 ms Single Half Sine Wave (JEDEC Method) |