| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MXT1664T3-CCUESSQTP bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-CCUESSQTP bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 98 page ![]() MXT1664T3 2.0 2018 Microchip Technology Inc. DS40002054A-page 23 2.5.5 VDDCORE VddCore is internally generated from the Vdd power supply. To guarantee stability of the internal voltage regulator, one or more external decoupling capacitors are required. 2.5.6 XTAL_XOUT AND XTAL_XIN In USB mode, the XTAL_XOUT and XTAL_XIN pins are connected to the crystal oscillator. In I2C mode, the XTAL_XOUT and XTAL_XIN pins are used by the SPI Debug Interface and should be brought out to test points. 2.5.7 MULTIPLE FUNCTION PINS Some pins may have multiple functions. In this case, only one function can be chosen and the circuit should be designed accordingly. 2.5.8 GPIO PINS The mXT1664T3 has 6 GPIO pins. The pins can be set to be either an input or an output, as required, using the GPIO Configuration T19 object. If a GPIO pin is unused, it can be left unconnected externally as long as it is given a defined state by the GPIO Configuration T19 object. By default the GPIO pins are set to be inputs so if a pin is not used, and is left configured as an input, it should be connected to GND through a resistor. Alternatively, it can be set as an output low using the GPIO Configuration T19 object and left open. This second option avoids any problems should the pin accidentally be configured as output high at a later date. If the GPIO Configuration T19 object is not enabled for use, the GPIO pins cannot be used. 2.5.9 SPI DEBUG INTERFACE In I2C mode, the DBG_CLK, DBG_DATA and DBG_SS lines form the SPI Debug Interface. These pins should be routed to test points on all designs, such that they can be connected to external hardware during system development and for debug purposes. See also Section 13.1 “SPI Debug Interface”. The DBG_CLK, DBG_DATA and DBG_SS lines should not be connected to power or GND. |