| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X520-DA2 bảng dữ liệu(PDF) 1 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
X520-DA2 bảng dữ liệu(HTML) 1 Page - Intel Corporation |
|
1 / 5 page ![]() PRODUCT BRIEF Intel® Ethernet Server Adapter X520-DA1/X520-DA2 for Open Compute Project (OCP) Network Connectivity Intel® Ethernet Server Adapter X520-DA1/X520-DA2 for Open Compute Project (OCP) 10 gigabit Ethernet server adapters provide ultimate flexibility and scalability for cloud deployments system design thereby reducing complex- ity and cost, allowing data centers to scale out more effectively. By publishing the designs and specifications of this low- power, low-cost hardware, it can reduce the cost of infrastructure for businesses large and small. Optimized for Multi-core Processor Servers Intel® Ethernet Flow Director Today’s data centers depend on the mul- tiprocessing, high performance capability of servers to increase system throughput, responsiveness, and reliability through the introduction of additional hardware threads, CPUs, or cores. But in a multi- processing environment, it is essential to ensure a coordinated affinity of protocol processing and network applications on the same target cores. This affinity significantly reduces contention for shared resources, minimizes software synchro- nization overheads between cores, and enhances cache efficiency. Receive Side Scaling (RSS) resolves the single-processor bottleneck by enabling the receive side network load from a net- work adapter to be shared across multiple cores. RSS enables packet receive-pro- cessing to scale with the number of avail- able cores. However, RSS has a limitation. it cannot steer an incoming network flow to the same core where the application process resides. RSS does not maintain the Traffic Flow>Core (Application) relation- ship. If an application is running on one core, while RSS has scheduled receive Overview The best-selling Intel® Ethernet Converged Network Adapter X520 Series is known for its high performance, low latency, reliability, and flexibility. The addition of the Intel® Ethernet Server Adapter X520 Series for Open Compute Project (OCP) to the family delivers the X520 capabilities in an Open Compute Project (OCP) form factor. The Intel® Ethernet Server Adapter X520 Series for Open Compute Project (OCP) delivers a proven, reliable solution for de- ployments of Ethernet for high bandwidth, low cost, 10GbE network connections. Increased I/O performance with Intel® Data Direct I/O Technology (Intel® DDIO) and support for intelligent offloads make this adapter a perfect match for scaling performance on Intel® Xeon® processor E5/ E7 based servers. Powered by the Intel® 82599 10 Gigabit Ethernet Controller, the Intel® Ethernet Server Adapter X520 Series for OCP addresses the demanding needs of the next-generation data center by providing unmatched features for virtualization and proven, reliable performance. The Intel® 82599 10 Gigabit Ethernet Controller is the industry standard for 10 GbE, making it the most popular 10GbE controller on the market today. The Open Compute Project (OCP) is a Face- book* initiative to openly share custom data center designs to improve both cost and energy efficiency across the industry. The OCP uses a minimalist approach to |
Số phần tương tự - X520-DA2 |
|
Mô tả tương tự - X520-DA2 |
|
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |