| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X9SCA bảng dữ liệu(PDF) 49 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
X9SCA bảng dữ liệu(HTML) 49 Page - List of Unclassifed Manufacturers |
|
49 / 107 page ![]() Chapter 2: Installation 2-23 NIC1/NIC2 (LAN1/LAN2) The NIC (Network Interface Controller) LED connection for LAN port 1 is located on pins 11 and 12 of JF1, and the LED connection for LAN Port 2 is on Pins 9 and 10. NIC1 LED and NIC2 LED are 2-pin NIC LED headers. Attach NIC LED cables to NIC1 and NIC2 LED indicators to display network activities. Refer to the table on the right for pin definitions. LAN1/LAN2 LED PinDefinitions(JF1) Pin# Definition 9/11 Vcc 10/12 Ground C A. NIC1 LED B. NIC2 LED C. OH/Fan Fail / UID LED OH/Fan Fail LED PinDefinitions(JF1) Pin# Definition 7 Vcc/Blue UID LED 8 OH/Fan Fail LED OH/Fan Fail Indicator Status State Definition Off Normal On Overheat Flash- ing Fan Fail A B Overheat (OH)/Fan Fail / UID LED Connect an LED cable to the OH/Fan Fail connections on pins 7 and 8 of JF1 to display signals or to provide advanced warnings for chassis overheat/fan failure. Refer to the table on the right for pin defi nitions. Refer to page 2-31 for information on UID-LED. Power Button OH/Fan Fail LED 1 NIC1 LED Reset Button 2 HDD LED Power LED Reset PWR LED_Anode+ LED_Anode+ LED_Anode+ LED_Anode+ Ground Ground NIC2 LED LED_Anode+ PWR Fail UID-LED |