| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP2562FD-H/SN bảng dữ liệu(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2562FD-H/SN bảng dữ liệu(HTML) 2 Page - Microchip Technology |
|
2 / 32 page ![]() MCP2561/2FD DS20005284A-page 2 2014 Microchip Technology Inc. Block Diagram Note 1: There is only one receiver implemented. The receiver can operate in Low-Power or High-Speed mode. 2: Only MCP2561FD has the SPLIT pin. 3: Only MCP2562FD has the VIO pin. In MCP2561FD, the supply for the digital I/O is internally connected to VDD. VDD CANH CANL TXD RXD Driver and Slope Control Thermal Protection POR UVLO Digital I/O Supply VIO(3) VSS STBY Permanent Dominant Detect VIO VIO Mode Control VDD/2 SPLIT(2) Wake-Up Filter CANH CANL CANH CANL Receiver LP_RX(1) HS_RX |