công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2517FD-H/JHA bảng dữ liệu(PDF) 49 Page - Microchip Technology

tên linh kiện MCP2517FD-H/JHA
Giải thích chi tiết về linh kiện  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD-H/JHA bảng dữ liệu(HTML) 49 Page - Microchip Technology

Back Button MCP2517FD-H/JHA Datasheet HTML 45Page - Microchip Technology MCP2517FD-H/JHA Datasheet HTML 46Page - Microchip Technology MCP2517FD-H/JHA Datasheet HTML 47Page - Microchip Technology MCP2517FD-H/JHA Datasheet HTML 48Page - Microchip Technology MCP2517FD-H/JHA Datasheet HTML 49Page - Microchip Technology MCP2517FD-H/JHA Datasheet HTML 50Page - Microchip Technology MCP2517FD-H/JHA Datasheet HTML 51Page - Microchip Technology MCP2517FD-H/JHA Datasheet HTML 52Page - Microchip Technology MCP2517FD-H/JHA Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
 2017-2018 Microchip Technology Inc.
DS20005688B-page 49
MCP2517FD
bit 15-11
Unimplemented:
Read as ‘0’
bit 10
FRESET
: FIFO Reset bit( 3)
1
= FIFO will be reset when bit is set; cleared by hardware when FIFO was reset. User should wait
until this bit is clear before taking any action.
0
= No effect
bit 9
TXREQ
: Message Send Request bit( 2)
1
= Requests sending a message; the bit will automatically clear when all the messages queued in
the TXQ are successfully sent.
0
= Clearing the bit to ‘0’ while set (‘1’) will request a message abort.
bit 8
UINC
: Increment Head bit
When this bit is set, the FIFO head will increment by a single message.
bit 7
TXEN
: TX Enable
1
= Transmit Message Queue. This bit always reads as ‘1’.
bit 6-5
Unimplemented:
Read as ‘0’
bit 4
TXATIE
: Transmit Attempts Exhausted Interrupt Enable bit
1
= Enable interrupt
0
= Disable interrupt
bit 3
Unimplemented:
Read as ‘0’
bit 2
TXQEIE
: Transmit Queue Empty Interrupt Enable bit
1
= Interrupt enabled for TXQ empty
0
= Interrupt disabled for TXQ empty
bit 1
Unimplemented:
Read as ‘0’
bit 0
TXQNIE
: Transmit Queue Not Full Interrupt Enable bit
1
= Interrupt enabled for TXQ not full
0
= Interrupt disabled for TXQ not full
REGISTER 3-25:
CiTXQCON – TRANSMIT QUEUE CONTROL REGISTER (CONTINUED)
Note 1:
These bits can only be modified in Configuration mode.
2:
This bit is updated when a message completes (or aborts) or when the FIFO is reset.
3:
FRESET is set while in Configuration mode and is automatically cleared in Normal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com