công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP420BLACK bảng dữ liệu(PDF) 5 Page - 3M Electronics

tên linh kiện DP420BLACK
Giải thích chi tiết về linh kiện  Epoxy Adhesive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  3M [3M Electronics]
Trang chủ  http://www.3m.com
Logo 3M - 3M Electronics

DP420BLACK bảng dữ liệu(HTML) 5 Page - 3M Electronics

  DP420BLACK Datasheet HTML 1Page - 3M Electronics DP420BLACK Datasheet HTML 2Page - 3M Electronics DP420BLACK Datasheet HTML 3Page - 3M Electronics DP420BLACK Datasheet HTML 4Page - 3M Electronics DP420BLACK Datasheet HTML 5Page - 3M Electronics DP420BLACK Datasheet HTML 6Page - 3M Electronics DP420BLACK Datasheet HTML 7Page - 3M Electronics DP420BLACK Datasheet HTML 8Page - 3M Electronics DP420BLACK Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
- 5 -
3M
™ Scotch-Weld™
Epoxy Adhesive
DP420 Black • DP420 NS Black • DP420 Off-White • DP420 LH
NT: Not tested
Typical Adhesive
Performance
Characteristics
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Substrates and Testing (continued)
Aluminum, T-Peel (PIW), at Temperature
3M
™ Scotch-Weld™
Epoxy Adhesive
DP420 Black
3M
™ Scotch-Weld™
Epoxy Adhesive
DP420 Off-White
-67°F (-55°C)
9.3
5-10
73°F (23°C)
50
50
180°F (82°C)
20
3-5
Metals, T-Peel, Tested @ 73°F (23°C) (PIW)
3M™ Scotch-
Weld
™ Epoxy
Adhesive DP420
Black
3M™Scotch-
Weld
™ Epoxy
Adhesive DP420
Off-White
Aluminum, etched
17-20 mil bondline
60
50
5-8 mil bondline
50
40
Cold Rolled Steel
17-20 mil bondline
40
40
Oakite degreased
MEK/abrade/MEK
25
25
Aluminum, Bell Peel (PIW), at Temperature
3M™ Scotch-Weld™
Epoxy Adhesive
DP420 Black
3M™ Scotch-Weld™
Epoxy Adhesive DP420
Off-White
3M™ Scotch-Weld™
Epoxy Adhesive
DP420NS Black
-67°F (-55°C)
73°F (23°C)
180°F (82°C)
20
82
18
not tested
Not tested
58
Not tested
Other Substrates, Overlap Shear Tested @ 73°F (23°C) (PSI)
Substrate
Surf. Prep. 11
3M Scotch-Weld 3M Scotch-Weld
Epoxy Adhesive Epoxy Adhesive
DP420 Black
DP420 Off-White
Surf. Prep. 22
3M Scotch-Weld
3M Scotch-Weld
Epoxy Adhesive Epoxy Adhesive
DP420 Black
DP420 Off White
3M Scotch-Weld
Epoxy Adhesive
DP420NS Black
ABS
450
320
550
500
870
PVC
4003
220
3603
300
NT
Polycarbonate
440
400
450
550
470
Polyacrylic
190
230
450
280
NT
Polystryene
380
350
580
380
NT
FRP
600
350
11003
13003
3700
Phenolic
14003
14003
13003
14003
1170
SBR/Steel
Neoprene/Steel
70
1503
1803
1503
NT
80
40
100
80
NT
1Isopropyl Alcohol Wipe. See Surface Preparation Section D for additional information.
2Isopropyl Alcohol/Abrade/Isopropyl Alcohol: See Surface Preparation Section E for additional information.
3Substrate failure.



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com